Electronic Components Datasheet Search
  English  ▼

X  

PE331-60 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE331-60
Description  RF Cable Assemblies Technical Data Sheet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE331-60 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE331-60 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE331-60 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE331-60 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE331-60 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Power handling values are calculated based on Cable properties. Power handling will vary based on the actual VSWR
of the cable assembly.
Mechanical Specifications
Cable Assembly
Length*
60 in [152.4 cm]
Diameter
0.875 in [22.23 mm]
.
Cable
Cable Type
PE-P300LL
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
3
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Aluminum Polyester
Shield Layer 3
Silver Plated Copper Wire
Outer Conductor Material and Plating
Copper, Silver
Jacket Material
FEP, Green
Jacket Diameter
0.3 in [7.62 mm]
.
Repeated Minimum Bend Radius
1 in [25.4 mm]
Connectors
Description
Connector 1
Connector 2
Type
N Male
N Female
Specification
MIL-STD-348
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Contact Plating Specification
ASTM-B488 50µ In.
ASTM-B488 50µ In.
Dielectric Type
PTFE
PTFE
Outer Conductor Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Outer Conductor Plating Specification
SAE-AMS-2700
SAE-AMS-2700
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
SAE-AMS-2700
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
Hex Size
3/4 Inch
Torque
14 in-lbs [1.58 Nm]
.
PE331-60 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Female Low Loss Test Cable 60 Inch Length Using PE-P300LL Coax, RoHS
PE331-60
RF Cable Assemblies Technical Data Sheet
PE331-60
N Male to N Female Low Loss Test Cable 60 Inch
Length Using PE-P300LL Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com