Electronic Components Datasheet Search
  English  ▼

X  

PE336 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE336
Description  RF Cable Assemblies Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE336 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE336 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE336 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE336 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE336 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE336 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
2
4.5
9
18
GHz
Insertion Loss (Max.)
0.06
0.08
0.12
0.18
0.26
dB/ft
0.2
0.26
0.39
0.59
0.85
dB/m
Insertion Loss (Typ.)
0.05
0.07
0.1
0.15
0.22
dB/ft
0.16
0.23
0.33
0.49
0.72
dB/m
Power Handling (Max.)
1,800
1,200
900
650
400
Watts
.
Electrical Specification Notes:
Power handling values are calculated based on Cable properties. Power handling will vary based on the actual VSWR
of the cable assembly. Insertion Loss does not include the loss of the connectors, insertion loss estimated as .1dB per
connector.
Mechanical Specifications
Cable Assembly
Diameter
0.49 in [12.45 mm]
.
Cable
Cable Type
PE-P300LL
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
3
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Aluminum Polyester
Shield Layer 3
Silver Plated Copper Wire
Outer Conductor Material and Plating
Copper, Silver
Jacket Material
FEP, Green
Jacket Diameter
0.3 in [7.62 mm]
.
Repeated Minimum Bend Radius
1.5 in [38.1 mm]
PE336 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male with Reduced Diameter SMA Body Low Loss Test Cable Using PE-
P300LL Coax, RoHS PE336
RF Cable Assemblies Technical Data Sheet
PE336
SMA Male to SMA Male with Reduced Diameter SMA Body
Low Loss Test Cable Using PE-P300LL Coax, RoHS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com