Electronic Components Datasheet Search
  English  ▼

X  

DS3144N Datasheet(PDF) 63 Page - Dallas Semiconductor

Part # DS3144N
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3144N Datasheet(HTML) 63 Page - Dallas Semiconductor

Back Button DS3144N Datasheet HTML 59Page - Dallas Semiconductor DS3144N Datasheet HTML 60Page - Dallas Semiconductor DS3144N Datasheet HTML 61Page - Dallas Semiconductor DS3144N Datasheet HTML 62Page - Dallas Semiconductor DS3144N Datasheet HTML 63Page - Dallas Semiconductor DS3144N Datasheet HTML 64Page - Dallas Semiconductor DS3144N Datasheet HTML 65Page - Dallas Semiconductor DS3144N Datasheet HTML 66Page - Dallas Semiconductor DS3144N Datasheet HTML 67Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
63 of 88
7.11.1 FEAC Register Description
Table 7-I. FEAC Register Map
ADDR
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
60h
FCR
N/A
N/A
N/A
N/A
N/A
RFR
TFS1
TFS0
61h
FSR
N/A
N/A
N/A
N/A
RFFE
RFI
RFCD
TFI
62h
FSRL
N/A
N/A
N/A
RFFOL
RFFNL
RFIL
RFCDL
TFIL
63h
FSRIE
N/A
N/A
N/A
RFFOIE
RFFNIE
RFIIE
RFCDIE
TFIIE
64h
TFEACA
N/A
N/A
TFCA5
TFCA4
TFCA3
TFCA2
TFCA1
TFCA0
65h
TFEACB
N/A
N/A
TFCB5
TFCB4
TFCB3
TFCB2
TFCB1
TFCB0
66h
RFEAC
N/A
N/A
RFF5
RFF4
RFF3
RFF2
RFF1
RFF0
Register Name:
FCR
Register Description:
FEAC Control Register
Register Address:
60h
Bit #
7
6
5
4
3
2
1
0
Name
N/A
N/A
N/A
N/A
N/A
RFR
TFS1
TFS0
Default
—
—
—
—
—
0
0
0
Bits 0, 1: Transmit FEAC Codeword Select Bits 0 and 1 (TFS[1:0]). These two bits control which of the two
available codewords are to be generated. Both TFS0 and TFS1 are edge-triggered; a change from 00 to any other
value starts the desired FEAC transmission. Actions 01 and 10 continue to completion even if TFS is subsequently
written with 00. Action 11 transmits at least 10 codewords before being terminated by TFS = 00. To initiate a new
action, the host must select the idle state (TFS = 00) before selecting the new action.
TFS[1:0]
ACTION
00
Idle state; do not generate a FEAC codeword (send all ones)
01
Send codeword A 10 times followed by all ones
10
Send codeword A 10 times followed codeword B 10 times followed by all ones
11
Send codeword A continuously (sent at least 10 times)
Bit 2: Receive FEAC Reset (RFR). A 0-to-1 transition resets the FEAC receiver and flushes the receive FEAC
FIFO. This bit must be cleared before generating a subsequent reset.
Register Name:
FSR
Register Description:
FEAC Status Register
Register Address:
61h
Bit #
7
6
5
4
3
2
1
0
Name
N/A
N/A
N/A
N/A
RFFE
RFI
RFCD
TFI
Default
—
—
—
—
—
—
—
—
Bit 0: Transmit FEAC Idle (TFI). This real-time status bit is set when the FEAC transmitter is sending the all-ones
idle code. It is cleared when the FEAC transmitter is sending a FEAC codeword.
Bit 1: Receive FEAC Codeword Detected (RFCD). This real-time status bit is set each time the FEAC receiver
has detected and validated a new FEAC codeword. It is cleared when the validated codeword is no longer present
on the FEAC channel.
Bit 2: Receive FEAC Idle (RFI). This real-time status bit is set when the FEAC controller has detected 16
consecutive 1s. It is cleared when the FEAC receiver has detected and validated a new FEAC codeword.
Bit 3: Receive FEAC FIFO Empty (RFFE). This real-time status bit is set when the receive FEAC FIFO is empty,
and thus RFF[5:0] contains no valid information. It is cleared when the receive FIFO contains one or more
codewords.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com