Electronic Components Datasheet Search
  English  ▼

X  

EC3A01B Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # EC3A01B
Description  Electret Condenser Microphone Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC3A01B Datasheet(HTML) 2 Page - Sanyo Semicon Device

  EC3A01B Datasheet HTML 1Page - Sanyo Semicon Device EC3A01B Datasheet HTML 2Page - Sanyo Semicon Device EC3A01B Datasheet HTML 3Page - Sanyo Semicon Device EC3A01B Datasheet HTML 4Page - Sanyo Semicon Device EC3A01B Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EC3A01B
No.6612-2/5
[Ta=25
°C, VCC=4.5V, RL=1kΩ, Cin=15pF, See Specified Test Circuit]
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Voltage Gain
GV
f=1kHz, VIN=10mV
--3.0
dB
Reduced Voltage Characteristics
∆GVV
f=1kHz, VIN=10mV, VCC=4.5→1.5V
--1.2
--3.5
dB
Frequency Characteristics
∆Gvf
f=1kHz to 110kHz
--1.0
dB
Input Impedance
ZIN
f=1kHz
25
M
Ω
Output Impedance
ZO
f=1kHz
1000
Ω
Total Harmonic Distortion
THD
f=1kHz, VIN=30mV
1.2
%
Output Noise Voltage
VNO
VIN=0, A Curve
--110
dB
Package Dimensions
unit : mm
2188A
Type No. Indication (Top view)
Electrical Connection (Top view)
Switching Time Test Circuit
1 : Drain
2 : Source
3 : Gate
SANYO : ECSP1006-3
0.35
0.2
0.15
0.15
0.6
0.05
0.5
0.05
1
32
Top View
Bottom View
Marking
3
2
1
Polarity mark (On the top)
Drain
Source
Gate
*Electrodes : On the bottom
Polarity mark
Drain
Source
Gate
V
VCC=4.5V
33
µF
1k
Ω
OSC
15pF
VCC=1.5V
+
V
BA
THD
VTVM
Voltage Gain
Frequency Characteristics
Distortion
Reduced Voltage Characteristics
Output Impedance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com