Electronic Components Datasheet Search
  English  ▼

X  

PE4068 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4068
Description  TNC Female Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4068 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4068 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4068 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4068 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• TNC Female Connector
• 50 Ohms
• Straight Body Geometry
• RG58, RG55, RG141, RG142, RG223, RG400,
RG303, PE-C195, PE-P195, LMR-195 Interface Type
• Clamp/Solder Attachment
Features
• Gold Plated Brass Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4068 TNC female connector with clamp/solder attachment for RG58, RG55, RG141, RG142, RG223, RG400,
RG303, PE-C195, PE-P195 and LMR-195 is part of our full line of RF components available for same-day shipping.
Our TNC female connector PE4068 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.091 in [27.71 mm]
Width/Dia.
0.57 in [14.48 mm]
.
Weight
0.043 lbs [19.5 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
Insulation
PTFE
Body
Brass
Nickel
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Connector Clamp/Solder Attachment for RG58, RG55, RG141, RG142, RG223,
RG400, RG303, PE-C195, PE-P195, LMR-195 PE4068
PE4068 REV 1.1
TNC Female Connector Clamp/Solder Attachment
for RG58, RG55, RG141, RG142, RG223, RG400,
RG303, PE-C195, PE-P195, LMR-195
RF Connectors Technical Data Sheet
PE4068


Similar Part No. - PE4068

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4068 PASTERNACK-PE4068 Datasheet
300Kb / 2P
TNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results

Similar Description - PE4068

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4067 PASTERNACK-PE4067_17 Datasheet
546Kb / 5P
TNC Male Connector Clamp/Solder Attachment
PE4088 PASTERNACK-PE4088_16 Datasheet
370Kb / 4P
TNC Male Connector Clamp/Solder Attachment
PE4143 PASTERNACK-PE4143_14 Datasheet
250Kb / 2P
TNC Male Connector Clamp/Solder Attachment
PE4144 PASTERNACK-PE4144 Datasheet
105Kb / 1P
TNC FEMALE SOLDER/CLAMP ATTACHMENT
PE4152 PASTERNACK-PE4152_16 Datasheet
395Kb / 3P
TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4155 PASTERNACK-PE4155_16 Datasheet
402Kb / 3P
TNC Female Connector Clamp/Solder Attachment
PE4457 PASTERNACK-PE4457 Datasheet
110Kb / 1P
TNC FEMALE CLAMP ATTACHMENT
PE4460 PASTERNACK-PE4460_16 Datasheet
319Kb / 3P
TNC Female Connector Clamp/Solder Attachment
PE4461 PASTERNACK-PE4461 Datasheet
117Kb / 1P
TNC FEMALE CLAMP ATTACHMENT
PE4464 PASTERNACK-PE4464_16 Datasheet
324Kb / 3P
TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com