Electronic Components Datasheet Search
  English  ▼

X  

PE4071 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4071
Description  TNC Male Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4071 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4071 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4071 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4071 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Weight
0.037 lbs [16.78 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
30 µin minimum
Insulation
PTFE
Body
Brass
Nickel
100 µin minimum
Coupling Nut
Brass
Nickel
100 µin minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
TNC Male Connector Crimp/Solder Attachment for RG59, RG62, RG71 from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Connector Crimp/Solder Attachment for RG59, RG62, RG71 PE4071
URL: https://www.pasternack.com/tnc-male-standard-rg59-rg62-connector-pe4071-p.aspx
PE4071 REV 1.2
RF Connectors Technical Data Sheet
PE4071
TNC Male Connector Crimp/Solder
Attachment for RG59, RG62, RG71



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com