Electronic Components Datasheet Search
  English  ▼

X  

PE4072 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4072
Description  N Female Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4072 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4072 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4072 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4072 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG58, RG55, RG141, RG142, RG223, RG400,
RG303, PE-C195, PE-P195, LMR-195 Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 6 GHz
• Good VSWR of 1.5:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4072 type N female connector with clamp/solder attachment for RG58, RG55, RG141, RG142, RG223,
RG400, RG303, PE-C195, PE-P195 and LMR-195 is part of our full line of RF components available for same-day shipping.
Our type N female connector operates up to a maximum frequency of 6 GHz and offers good VSWR of 1.5:1.
Our type N female connector PE4072 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.5:1
Operating Voltage (AC)
1,000
Vrms
.
Mechanical Specifications
Size
Length
1.4 in [35.56 mm]
Width/Dia.
0.625 in [15.88 mm]
.
Weight
0.074 lbs [33.57 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Clamp/Solder Attachment for RG58, RG55, RG141, RG142, RG223,
RG400, RG303, PE-C195, PE-P195, LMR-195 PE4072
PE4072 REV 1.2
N Female Connector Clamp/Solder Attachment for
RG58, RG55, RG141, RG142, RG223, RG400,
RG303, PE-C195, PE-P195, LMR-195
RF Connectors Technical Data Sheet
PE4072


Similar Part No. - PE4072

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4072 PASTERNACK-PE4072 Datasheet
306Kb / 2P
N Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results

Similar Description - PE4072

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4646 PASTERNACK-PE4646 Datasheet
308Kb / 2P
N Female Connector Clamp/Solder Attachment For RG218
PE4057 PASTERNACK-PE4057_16 Datasheet
408Kb / 3P
BNC Female Connector Clamp/Solder Attachment
PE4059 PASTERNACK-PE4059_17 Datasheet
514Kb / 3P
N Female Connector Clamp/Solder (Captive Contact) Attachment
PE4061 PASTERNACK-PE4061_16 Datasheet
405Kb / 3P
N Female Connector Clamp/Solder Attachment
PE4330 PASTERNACK-PE4330_17 Datasheet
408Kb / 3P
N Female Connector Clamp/Solder Attachment
PE4372 PASTERNACK-PE4372_16 Datasheet
318Kb / 3P
N Female Connector Clamp/Solder Attachment
PE4439 PASTERNACK-PE4439 Datasheet
120Kb / 1P
N FEMALE SOLDER/CLAMP ATTACHMENT
PE4514 PASTERNACK-PE4514_16 Datasheet
332Kb / 3P
75 Ohm N Female Connector Clamp/Solder Attachment
PE4515 PASTERNACK-PE4515_16 Datasheet
316Kb / 3P
75 Ohm N Female Connector Clamp/Solder Attachment
PE4516 PASTERNACK-PE4516_16 Datasheet
316Kb / 3P
75 Ohm N Female Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com