Electronic Components Datasheet Search
  English  ▼

X  

PE4073 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4073
Description  UHF Male Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4073 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4073 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4073 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4073 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• UHF Male Connector
• 50 Ohms
• Straight Body Geometry
• RG59, RG62, RG71 Interface Type
• Crimp/Solder Attachment
Features
• Gold Plated Brass Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4073 UHF male connector with crimp/solder attachment for RG59, RG62 and RG71 is part of our full line of
RF components available for same-day shipping.
Our UHF male connector PE4073 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.295 in [32.89 mm]
Width/Dia.
0.7 in [17.78 mm]
.
Weight
0.027 lbs [12.25 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
Insulation
PTFE
Body
Brass
Nickel
Coupling Nut
Brass
Nickel
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: UHF Male Connector Crimp/Solder Attachment for RG59, RG62, RG71 PE4073
PE4073 REV 1.1
UHF Male Connector Crimp/Solder
Attachment for RG59, RG62, RG71
RF Connectors Technical Data Sheet
PE4073


Similar Part No. - PE4073

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4073 PASTERNACK-PE4073 Datasheet
207Kb / 2P
UHF Male Connector Crimp/Solder Attachment For RG59, RG62
More results

Similar Description - PE4073

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4295 PASTERNACK-PE4295 Datasheet
251Kb / 2P
UHF Male Connector Crimp/Solder Attachment For RG213, RG8
PE4342 PASTERNACK-PE4342 Datasheet
248Kb / 2P
Mini UHF Male Connector Crimp/Solder Attachment For RG58
PE4073 PASTERNACK-PE4073 Datasheet
207Kb / 2P
UHF Male Connector Crimp/Solder Attachment For RG59, RG62
PE4069 PASTERNACK-PE4069 Datasheet
252Kb / 2P
UHF Male Connector Crimp/Solder Attachment For RG58
PE44082 PASTERNACK-PE44082 Datasheet
261Kb / 2P
Mini UHF Male Right Angle Connector Crimp - Solder Attachment For RG58
PE4020 PASTERNACK-PE4020_16 Datasheet
392Kb / 3P
UHF Male Connector Solder Attachment
PE4069 PASTERNACK-PE4069_16 Datasheet
364Kb / 3P
UHF Male Connector Crimp/Solder Attachment
PE4295 PASTERNACK-PE4295_16 Datasheet
357Kb / 3P
UHF Male Connector Crimp/Solder Attachment
PE4342 PASTERNACK-PE4342_16 Datasheet
357Kb / 3P
Mini UHF Male Connector Crimp/Solder Attachment
PE4521 PASTERNACK-PE4521 Datasheet
110Kb / 1P
MINI UHF MALE CRIMP ATTACHMENT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com