Electronic Components Datasheet Search
  English  ▼

X  

PE4074 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4074
Description  SMC Plug Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4074 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4074 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4074 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4074 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Weight
0.011 lbs [4.99 g]
.
Mating Torque
1 in-lbs [0.11 Nm]
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
30 µin minimum
Insulation
PTFE
Body
Brass
Nickel
100 µin minimum
Coupling Nut
Brass
Nickel
100 µin minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SMC Plug Connector Crimp/Solder Attachment for RG178, RG196 from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug Connector Crimp/Solder Attachment for RG178, RG196 PE4074
URL: https://www.pasternack.com/smc-plug-standard-rg178-rg196-connector-pe4074-p.aspx
PE4074 REV 1.2
RF Connectors Technical Data Sheet
PE4074
SMC Plug Connector Crimp/Solder Attachment for RG178, RG196



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com