Electronic Components Datasheet Search
  English  ▼

X  

PE4079 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4079
Description  BNC Female Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4079 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4079 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4079 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4079 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG174, RG316, RG188, LMR-100, PE-B100, PE-
C100, 0.100 inch Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 1,000 MHz
• Good VSWR of 1.5:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4079 BNC female connector with crimp/solder attachment for RG174, RG316, RG188, LMR-100, PE-B100,
PE-C100 and 0.100 inch is part of our full line of RF components available for same-day shipping. Our BNC female connector
operates up to a maximum frequency of 1,000 MHz and offers good VSWR of 1.5:1.
Our BNC female connector PE4079 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.5:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.28 in [32.51 mm]
Width/Dia.
0.453 in [11.51 mm]
.
Weight
0.023 lbs [10.43 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Connector Crimp/Solder Attachment for RG174, RG316, RG188, LMR-100, PE-
B100, PE-C100, 0.100 inch PE4079
PE4079 REV 1.5
BNC Female Connector Crimp/Solder Attachment for RG174,
RG316, RG188, LMR-100, PE-B100, PE-C100, 0.100 inch
RF Connectors Technical Data Sheet
PE4079


Similar Part No. - PE4079

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4079 PASTERNACK-PE4079 Datasheet
281Kb / 3P
BNC Female Connector Crimp-Solder Attachment For RG174, RG316, RG188
More results

Similar Description - PE4079

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4070 PASTERNACK-PE4070 Datasheet
260Kb / 2P
BNC Female Connector Crimp/Solder Attachment For RG58
PE44688 PASTERNACK-PE44688 Datasheet
844Kb / 3P
BNC Female Connector Crimp-Solder Attachment For 735A
PE4614 PASTERNACK-PE4614_16 Datasheet
353Kb / 3P
75 Ohm BNC Female Connector Crimp/Solder Attachment
PE4070 PASTERNACK-PE4070_16 Datasheet
361Kb / 4P
BNC Female Connector Crimp/Solder Attachment
PE4106 PASTERNACK-PE4106_16 Datasheet
419Kb / 4P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4209 PASTERNACK-PE4209_16 Datasheet
361Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4308 PASTERNACK-PE4308_16 Datasheet
357Kb / 3P
BNC Female Connector Crimp/Solder Attachment
PE4309 PASTERNACK-PE4309_16 Datasheet
361Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4394 PASTERNACK-PE4394_16 Datasheet
349Kb / 3P
BNC Female Connector Solder Attachment
PE4395 PASTERNACK-PE4395_15 Datasheet
322Kb / 3P
BNC Female Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com