Electronic Components Datasheet Search
  English  ▼

X  

PE4080 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4080
Description  SMB Plug Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4080 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4080 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4080 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4080 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMB Plug Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG178, RG196 Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 3 GHz
• Good VSWR of 1.3:1
• Gold Plated Beryllium Copper Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4080 SMB plug connector with crimp/solder attachment for RG178 and RG196 is part of our full line of RF
components available for same-day shipping. Our SMB plug connector operates up to a maximum frequency of 3 GHz and
offers good VSWR of 1.3:1.
Our SMB plug connector PE4080 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.3:1
Operating Voltage (AC)
250
Vrms
.
Mechanical Specifications
Size
Length
0.86 in [21.84 mm]
Width/Dia.
0.25 in [6.35 mm]
.
Weight
0.011 lbs [4.99 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Plug Connector Crimp/Solder Attachment for RG178, RG196 PE4080
PE4080 REV 1.1
SMB Plug Connector Crimp/Solder Attachment for RG178, RG196
RF Connectors Technical Data Sheet
PE4080


Similar Part No. - PE4080

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4080 PASTERNACK-PE4080 Datasheet
305Kb / 2P
SMB Plug Connector Crimp/Solder Attachment For RG178, RG196
More results

Similar Description - PE4080

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4523 PASTERNACK-PE4523 Datasheet
258Kb / 3P
SMB Plug Connector Crimp - Solder Attachment For RG58
PE4046 PASTERNACK-PE4046_16 Datasheet
358Kb / 3P
SMB Plug Connector Crimp/Solder Attachment
PE4052 PASTERNACK-PE4052_17 Datasheet
380Kb / 3P
SMB Plug Right Angle Connector Crimp/Solder Attachment
PE4096 PASTERNACK-PE4096_16 Datasheet
396Kb / 3P
SMB Jack Connector Crimp/Solder Attachment
PE4157 PASTERNACK-PE4157_16 Datasheet
318Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment
PE4159 PASTERNACK-PE4159_16 Datasheet
374Kb / 3P
SMB Plug Right Angle Connector Crimp/ Solder Attachment
PE4248 PASTERNACK-PE4248_16 Datasheet
357Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment
PE4472 PASTERNACK-PE4472_16 Datasheet
317Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment
PE4522 PASTERNACK-PE4522_16 Datasheet
370Kb / 3P
SMB Plug Right Angle Connector Crimp/Solder Attachment
PE4523 PASTERNACK-PE4523_16 Datasheet
354Kb / 3P
SMB Plug Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com