Electronic Components Datasheet Search
  English  ▼

X  

PE4083 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4083
Description  SMA Male Right Angle Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4083 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4083 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4083 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4083 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• PE-SR402AL, PE-SR402FL, PE-SR402FLJ, PE-
SR402TN, RG402 Interface Type
• Solder/Solder Attachment
• 5/16 inch Hex
Features
• Max. Operating Frequency 12.4 GHz
• Excellent VSWR of 1.23:1
• Gold Plated Brass Contact
• 50 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4083 SMA male right angle connector with solder/solder attachment for PE-SR402AL, PE-SR402FL, PE-
SR402FLJ, PE-SR402TN and RG402 is part of our full line of RF components available for same-day shipping. Our SMA
male connector operates up to a maximum frequency of 12.4 GHz and offers excellent VSWR of 1.23:1. Its right angle body
geometry allows for easier connections in tight spaces.
Our SMA male right angle connector PE4083 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.23:1
Operating Voltage (AC)
500
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Vrms
.
Mechanical Specifications
Size
Length
0.65 in [16.51 mm]
Width/Dia.
0.315 in [8.00 mm]
Height
0.45 in [11.43 mm]
.
Weight
0.015 lbs [6.8 g]
.
Mating Torque
3 to 5 in-lbs [0.34 to 0.57 Nm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle Connector Solder Attachment for PE-SR402AL, PE-SR402FL, PE-
SR402FLJ, PE-SR402TN, RG402 PE4083
PE4083 REV 1.3
SMA Male Right Angle Connector Solder Attachment for PE-
SR402AL, PE-SR402FL, PE-SR402FLJ, PE-SR402TN, RG402
RF Connectors Technical Data Sheet
PE4083


Similar Part No. - PE4083

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4083 PASTERNACK-PE4083 Datasheet
276Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
More results

Similar Description - PE4083

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4002 PASTERNACK-PE4002_16 Datasheet
381Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE4025 PASTERNACK-PE4025_17 Datasheet
393Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE4038 PASTERNACK-PE4038_16 Datasheet
373Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE4296 PASTERNACK-PE4296_16 Datasheet
377Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE4405 PASTERNACK-PE4405_17 Datasheet
424Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE4406 PASTERNACK-PE4406 Datasheet
115Kb / 1P
SMA MALE RIGHT ANGLE SOLDER ATTACHMENT
PE4408 PASTERNACK-PE4408_16 Datasheet
370Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE4409 PASTERNACK-PE4409_16 Datasheet
368Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE4410 PASTERNACK-PE4410_16 Datasheet
318Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE4526 PASTERNACK-PE4526_16 Datasheet
317Kb / 3P
SMA Male Right Angle Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com