Electronic Components Datasheet Search
  English  ▼

X  

PE4084 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4084
Description  BNC Male Connector Clamp/Solder Attachment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4084 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4084 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4084 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4084 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4084 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• BNC Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG174, RG316, RG188, 0.100 inch, PE-B100, PE-
C100, LMR-100 Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 4 GHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4084 BNC male connector with clamp/solder attachment for RG174, RG316, RG188, 0.100 inch, PE-B100,
PE-C100 and LMR-100 is part of our full line of RF components available for same-day shipping. Our BNC male connector
operates up to a maximum frequency of 4 GHz and offers good VSWR of 1.3:1.
Our BNC male connector PE4084 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
VSWR
1.3:1
Operating Voltage (AC)
500
Vrms
Dielectric Withstanding Voltage (AC)
1,500
Vrms
Inner Conductor DC Resistance
1.5
mOhms
Outer Conductor DC Resistance
0.5
mOhms
Insulation Resistance
5,000
MOhms
.
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 3
GHz
Insertion Loss, Max
0.2
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male Connector Clamp/Solder Attachment for RG174, RG316, RG188, 0.100 inch, PE-
B100, PE-C100, LMR-100 PE4084
PE4084 REV 1.1
BNC Male Connector Clamp/Solder Attachment for RG174,
RG316, RG188, 0.100 inch, PE-B100, PE-C100, LMR-100
RF Connectors Technical Data Sheet
PE4084


Similar Part No. - PE4084

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4084 PASTERNACK-PE4084 Datasheet
293Kb / 3P
BNC Male Connector Clamp/Solder Attachment For RG174, RG316, RG188
More results

Similar Description - PE4084

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4377 PASTERNACK-PE4377 Datasheet
208Kb / 2P
BNC Male Connector Clamp/Solder Attachment For RG6
PE4023 PASTERNACK-PE4023_16 Datasheet
396Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4024 PASTERNACK-PE4024_16 Datasheet
413Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4109 PASTERNACK-PE4109_17 Datasheet
323Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4206 PASTERNACK-PE4206 Datasheet
105Kb / 1P
BNC MALE SOLDER/CLAMP ATTACHMENT
PE4307 PASTERNACK-PE4307_16 Datasheet
415Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment
PE4377 PASTERNACK-PE4377_16 Datasheet
322Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4379 PASTERNACK-PE4379_17 Datasheet
478Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4383 PASTERNACK-PE4383_16 Datasheet
321Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4386 PASTERNACK-PE4386_16 Datasheet
407Kb / 3P
BNC Male Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com