Electronic Components Datasheet Search
  English  ▼

X  

PE354 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE354
Description  SMA Male to N Male Cable Using PE-P141 Coax with HeatShrink, LF Solder, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE354 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE354 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE354 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE354 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE354 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: N Male
• Cable Type: PE-P141
Features
• Max Frequency 18 GHz
• Shielding Effectivity > 110 dB
• 70% Phase Velocity
• Double Shielded
• FEP Jacket
Applications
• General Purpose
• Laboratory Use
.
Description
Pasternack’s PE354 SMA male to type N male cable using PE-P141 coax is part of our full line of RF components available
for same-day shipping. Pasternack’s flexible RF cable assemblies are ideal for applications where tight bends and flexure
are required. This Pasternack SMA to type N cable assembly has a male to male gender configuration with 50 ohm flex-
ible PE-P141 coax. The PE354 SMA male to type N male cable assembly operates to 18 GHz. The double shielding of this
Pasternack cable assembly provides excellent shielding effectiveness of better than 110 dB.
Custom versions of most RF cable assemblies can be built and shipped same day. Custom cable assembly lengths can be
obtained by specifying the desired length on the web site at time of order or by contacting a sales representative. Other avail-
able RF cable assembly value added services include connector orientation or clocking, heat shrink booting and custom label-
ing. RF testing can also be performed to document the electrical performance of your cable assembly.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.35:1
Velocity of Propagation
70
%
RF Shielding
110
dB
Capacitance
29.4 [96.46]
pF/ft [pF/m]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to N Male Cable Using PE-P141 Coax with HeatShrink, LF Solder, RoHS PE354
PE354 REV 1.1
SMA Male to N Male Cable Using PE-P141 Coax
with HeatShrink, LF Solder, RoHS
RF Cable Assemblies Technical Data Sheet
PE354


Similar Part No. - PE354

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE354-100CM PASTERNACK-PE354-100CM Datasheet
336Kb / 3P
SMA Male to N Male High Performance Test Cable 18 Ghz 100 cm Length Using PE-P141 Coax, RoHS
PE354-12 PASTERNACK-PE354-12 Datasheet
335Kb / 3P
SMA Male to N Male High Performance Test Cable 18 Ghz 12 Inch Length Using PE-P141 Coax, RoHS
PE354-120 PASTERNACK-PE354-120 Datasheet
336Kb / 3P
SMA Male to N Male High Performance Test Cable 18 Ghz 120 Inch Length Using PE-P141 Coax, RoHS
PE354-150CM PASTERNACK-PE354-150CM Datasheet
336Kb / 3P
SMA Male to N Male High Performance Test Cable 18 Ghz 150 cm Length Using PE-P141 Coax, RoHS
PE354-200CM PASTERNACK-PE354-200CM Datasheet
336Kb / 3P
SMA Male to N Male High Performance Test Cable 18 Ghz 200 cm Length Using PE-P141 Coax, RoHS
More results

Similar Description - PE354

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39437 PASTERNACK-PE39437_16 Datasheet
386Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable Using PESR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE39437-6 PASTERNACK-PE39437-6 Datasheet
387Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 6 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE39437-9 PASTERNACK-PE39437-9 Datasheet
386Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 9 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE39437-12 PASTERNACK-PE39437-12 Datasheet
386Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 12 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE39437-18 PASTERNACK-PE39437-18 Datasheet
387Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 18 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE39437-24 PASTERNACK-PE39437-24 Datasheet
386Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 24 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE350 PASTERNACK-PE350 Datasheet
412Kb / 4P
SMA Male to SMA Male Cable Using PEP141Coax with HeatShrink, LF Solder, RoHS
PE350-50CM PASTERNACK-PE350-50CM Datasheet
413Kb / 4P
SMA Male to SMA Male Cable 50 cm Length Using PEP141 Coax with HeatShrink, LF Solder, RoHS
PE356 PASTERNACK-PE356 Datasheet
463Kb / 4P
SMA Female to N Male Cable Using PE-P141 Coax, RoHS
PE3C2360LF-HS PASTERNACK-PE3C2360LF-HS Datasheet
359Kb / 4P
SMA Male to BNC Male Cable Using RG316 Coax with HeatShrink, LF Solder, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com