Electronic Components Datasheet Search
  English  ▼

X  

AD7667 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7667
Description  16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7667 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7667 Datasheet HTML 15Page - Analog Devices AD7667 Datasheet HTML 16Page - Analog Devices AD7667 Datasheet HTML 17Page - Analog Devices AD7667 Datasheet HTML 18Page - Analog Devices AD7667 Datasheet HTML 19Page - Analog Devices AD7667 Datasheet HTML 20Page - Analog Devices AD7667 Datasheet HTML 21Page - Analog Devices AD7667 Datasheet HTML 22Page - Analog Devices AD7667 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AD7667
Rev. 0 | Page 18 of 28
TYPICAL CONNECTION DIAGRAM
Figure 26 shows a typical connection diagram for the AD7667.
Analog Input
Figure 27 shows an equivalent circuit of the input structure of
the AD7667.
The two diodes, D1 and D2, provide ESD protection for the
analog inputs IN and INGND. Care must be taken to ensure
that the analog input signal never exceeds the supply rails by
more than 0.3 V. This will cause these diodes to become
forward-biased and start conducting current. These diodes can
handle a forward-biased current of 100 mA maximum. For
instance, these conditions could eventually occur when the
input buffer’s (U1) supplies are different from AVDD. In such a
case, an input buffer with a short-circuit current limitation can
be used to protect the part.
C2
R1
D1
D2
C1
IN
OR INGND
AGND
AVDD
Figure 27. Equivalent Analog Input Circuit
This analog input structure allows the sampling of the differen-
tial signal between IN and INGND. Unlike other converters,
INGND is sampled at the same time as IN. By using this
differential input, small signals common to both inputs are
rejected, as shown in Figure 28, which represents the typical
CMRR over frequency with on-chip and external references.
For instance, by using INGND to sense a remote signal ground,
ground potential differences between the sensor and the local
ADC ground are eliminated.
30
35
40
45
50
55
60
65
70
75
80
1
10
100
1000
10000
FREQUENCY (kHz)
EXT REF
REF
Figure 28. Analog Input CMRR vs. Frequency
During the acquisition phase, the impedance of the analog
input IN can be modeled as a parallel combination of capacitor
C1 and the network formed by the series connection of R1 and
C2. C1 is primarily the pin capacitance. R1 is typically 168 Ω
and is a lumped component made up of some serial resistors
and the on resistance of the switches. C2 is typically 60 pF and
is mainly the ADC sampling capacitor. During the conversion
phase, where the switches are opened, the input impedance is
limited to C1. R1 and C2 make a 1-pole low-pass filter that
reduces undesirable aliasing effect and limits the noise.
When the source impedance of the driving circuit is low, the
AD7667 can be driven directly. Large source impedances
signifcantly affect the ac performance, especially total harmonic
distortion (THD). The maximum source impedance depends
on the amount of THD that can be tolerated. The THD
degrades as a function of the source impedance and the
maximum input frequency, as shown in Figure 29.
–110
–100
–90
–80
–70
–60
–50
1
10
100
1000
INPUT FREQUENCY (kHz)
RS = 20Ω
RS = 500Ω
RS = 50Ω
RS = 100Ω
Figure 29. THD vs. Analog Input Frequency and Source Resistance
Driver Amplifier Choice
Although the AD7667 is easy to drive, the driver amplifier
needs to meet the following requirements:
•
The driver amplifier and the AD7667 analog input circuit
must be able to settle for a full-scale step of the capacitor
array at a 16-bit level (0.0015%). In the amplifier’s data
sheet, settling at 0.1% to 0.01% is more commonly speci-
fied. This could differ significantly from the settling time at
a 16-bit level and should be verified prior to driver
selection. The tiny op amp AD8021, which combines ultra
low noise and high gain-bandwidth, meets this settling
time requirement even when used with gains up to 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com