Electronic Components Datasheet Search
  English  ▼

X  

AD7688 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7688
Description  16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7688 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7688 Datasheet HTML 6Page - Analog Devices AD7688 Datasheet HTML 7Page - Analog Devices AD7688 Datasheet HTML 8Page - Analog Devices AD7688 Datasheet HTML 9Page - Analog Devices AD7688 Datasheet HTML 10Page - Analog Devices AD7688 Datasheet HTML 11Page - Analog Devices AD7688 Datasheet HTML 12Page - Analog Devices AD7688 Datasheet HTML 13Page - Analog Devices AD7688 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Data Sheet
AD7688
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
16384
32768
49152
65535
POSITIVE INL = +0.31LSB
NEGATIVE INL = –0.39LSB
Figure 7. Integral Nonlinearity vs. Code
300000
250000
150000
200000
100000
50000
0
CODE IN HEX
73
74
75
6F
70
71
72
0
0
2930
0
0
256159
2031
VDD = REF = 5V
Figure 8. Histogram of a DC Input at the Code Center
FREQUENCY (kHz)
0
–20
–40
–60
–80
–100
–120
–160
–140
–180
0
25
50
75
100
125
150
200
175
225
250
16384 POINT FFT
VDD = REF = 5V
FS = 500KSPS
FIN = 2kHz
SNR = 95.6dB
THD = –117.7dB
SFDR = –117.9dB
2nd HARM = –125dB
3rd HARM = –119dB
Figure 9. FFT Plot
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
16384
32768
49152
65535
POSITIVE DNL = +0.37LSB
NEGATIVE DNL = –0.21LSB
Figure 10. Differential Nonlinearity vs. Code
160000
120000
140000
100000
80000
40000
20000
60000
0
CODE IN HEX
74
76
71
73
0
72
0
75
0
0
136187
124933
VDD = REF = 5V
Figure 11. Histogram of a DC Input at the Code Transition
INPUT LEVEL (dB)
0
–10
–8
–6
–4
–2
100
99
98
97
96
95
94
93
92
91
90
Figure 12. SNR vs. Input Level
Rev. B | Page 9 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com