Electronic Components Datasheet Search
  English  ▼

X  

AD7938 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7938
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7938 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7938 Datasheet HTML 18Page - Analog Devices AD7938 Datasheet HTML 19Page - Analog Devices AD7938 Datasheet HTML 20Page - Analog Devices AD7938 Datasheet HTML 21Page - Analog Devices AD7938 Datasheet HTML 22Page - Analog Devices AD7938 Datasheet HTML 23Page - Analog Devices AD7938 Datasheet HTML 24Page - Analog Devices AD7938 Datasheet HTML 25Page - Analog Devices AD7938 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AD7938/AD7939
Data Sheet
Rev. D | Page 22 of 36
220Ω
10kΩ
2×VREF p-p
GND
440Ω
220Ω
220Ω
20kΩ
220Ω
27Ω
27Ω
V+
V–
V+
V–
A
VIN+
VIN–
VREF
AD7938/
AD7939
0.47µF
3.75V
2.5V
1.25V
3.75V
2.5V
1.25V
+
Figure 28. Dual Op Amp Circuit to Convert a Single-Ended
Bipolar Signal into a Differential Unipolar Signal
10kΩ
VREF p-p
VREF
GND
440Ω
220Ω
220Ω
20kΩ
220Ω
27Ω
27Ω
V+
V–
V+
V–
A
VIN+
VIN–
VREF
AD7938/
AD7939
0.47µF
3.75V
2.5V
1.25V
3.75V
2.5V
1.25V
+
Figure 29. Dual Op Amp Circuit to Convert a Single-Ended Unipolar Signal
into a Differential Signal
Another method of driving the AD7938/AD7939 is to use the
AD8138 differential amplifier. The AD8138 can be used as a
single-ended-to-differential amplifier or as a differential-to-
differential amplifier. The device is as easy to use as an op amp
and greatly simplifies differential signal amplification and
driving.
Pseudo Differential Mode
The AD7938/AD7939 can have four pseudo differential pairs
(Pseudo Mode 1) or seven pseudo differential inputs (Pseudo
Mode 2) by setting the MODE0 and MODE1 bits in the control
register to 1, 0 and 1, 1, respectively. In the case of the four
pseudo differential pairs, VIN+ is connected to the signal source,
which must have an amplitude of VREF (or 2 × VREF depending
on the range chosen) to make use of the full dynamic range of
the part. A dc input is applied to the VIN− pin. The voltage
applied to this input provides an offset from ground or a pseudo
ground for the VIN+ input. In the case of the seven pseudo
differential inputs, the seven analog input signals inputs are
referred to a dc voltage applied to VIN7.
The benefit of pseudo differential inputs is that they separate
the analog input signal ground from the ADC ground, allowing
dc common-mode voltages to be cancelled. Typically, this range
can extend from −0.3 V to +0.7 V when VDD = 3 V or −0.3 V to
+1.8 V when VDD = 5 V. Figure 30 shows a connection diagram
for pseudo differential mode.
VIN+
VIN–
VREF
AD7938/
AD7939*
*ADDITIONAL PINS OMITTED FOR CLARITY.
VREF p-p
0.47µF
DC INPUT
VOLTAGE
+
Figure 30. Pseudo Differential Mode Connection Diagram
ANALOG INPUT SELECTION
As shown in Table 10, users can set up their analog input
configuration by setting the values in the MODE0 and MODE1
bits in the control register. Assuming the configuration has been
chosen, there are different ways of selecting the analog input to
be converted depending on the state of the SEQ and SHDW bits
in the control register.
Traditional Multichannel Operation (SEQ = SHDW = 0)
Any one of eight analog input channels or four pairs of channels
can be selected for conversion in any order by setting the SEQ
and SHDW bits in the control register to 0. The channel to be
converted is selected by writing to the address bits, ADD2 to
ADD0, in the control register to program the multiplexer prior
to the conversion. This mode of operation is that of a traditional
multichannel ADC where each data write selects the next
channel for conversion. Figure 31 shows a flowchart of this
mode of operation. The channel configurations are shown in
Table 10.
POWER ON
WRITE TO THE CONTROL REGISTER TO
SET UP OPERATING MODE, ANALOG INPUT
AND OUTPUT CONFIGURATION.
SET SEQ = SHDW = 0. SELECT THE DESIRED
CHANNEL TO CONVERT (ADD2 TO ADD0).
ISSUE CONVST PULSE TO INITIATE A CONVERSION
ON THE SELECTED CHANNEL.
INITIATE A READ CYCLE TO READ THE DATA
FROM THE SELECTED CHANNEL.
INITIATE A WRITE CYCLE TO SELECT THE NEXT
CHANNEL TO BE CONVERTED BY
CHANGING THE VALUES OF BITS ADD2 TO ADD0
IN THE CONTROL REGISTER. SEQ = SHDW = 0.
Figure 31. Traditional Multichannel Operation Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com