Electronic Components Datasheet Search
  English  ▼

X  

AD7942 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7942
Description  Pseudo Differential ADC in MSOP/LFCSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7942 Datasheet HTML 15Page - Analog Devices AD7942 Datasheet HTML 16Page - Analog Devices AD7942 Datasheet HTML 17Page - Analog Devices AD7942 Datasheet HTML 18Page - Analog Devices AD7942 Datasheet HTML 19Page - Analog Devices AD7942 Datasheet HTML 20Page - Analog Devices AD7942 Datasheet HTML 21Page - Analog Devices AD7942 Datasheet HTML 22Page - Analog Devices AD7942 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AD7942
Data Sheet
Rev. C | Page 18 of 24
CS Mode 3-Wire with Busy Indicator
This mode is most often used when a single AD7942 is
connected to an SPI-compatible digital host with an interrupt
input. The connection diagram is shown in Figure 32 and the
corresponding timing diagram is shown in Figure 33.
With SDI tied to VIO, a rising edge on CNV initiates a conver-
sion, selects the CS mode, and forces SDO to high impedance.
SDO is maintained in high impedance until the completion of
the conversion irrespective of the state of CNV. Prior to the
minimum conversion time, CNV can be used to select other
SPI devices, such as analog multiplexers. However, CNV must
be returned low before the minimum conversion time and held
low until the maximum conversion time to guarantee the
generation of the busy signal indicator. When the conversion
is complete, SDO goes from high impedance to low impedance.
With a pull-up on the SDO line, this transition can be used as
an interrupt signal to initiate the data reading controlled by the
digital host. The AD7942 then enters the acquisition phase and
powers down. The data bits are then clocked out, MSB first, by
subsequent SCK falling edges. The data is valid on both SCK
edges. Although the rising edge can be used to capture the data,
a digital host also using the SCK falling edge allows a faster
reading rate provided it has an acceptable hold time. After
the optional 15th SCK falling edge or when CNV goes high,
whichever is earlier, SDO returns to high impedance.
CNV
SCK
SDO
SDI
DATA IN
IRQ
CLK
CONVERT
VIO
VIO
DIGITAL HOST
AD7942
47kΩ
Figure 32. CS Mode 3-Wire with Busy Indicator
Connection Diagram (SDI High)
SDO
D13
D12
D1
D0
tDIS
SCK
12
3
13
14
15
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
CNV
CONVERSION
ACQUISITION
tCONV
tCYC
tCNVH
tACQ
ACQUISITION
SDI = 1
Figure 33. CS Mode 3-Wire with Busy Indicator, Serial Interface Timing (SDI High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com