Electronic Components Datasheet Search
  English  ▼

X  

AD7939BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7939BCPZ
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7939BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7939BCPZ Datasheet HTML 15Page - Analog Devices AD7939BCPZ Datasheet HTML 16Page - Analog Devices AD7939BCPZ Datasheet HTML 17Page - Analog Devices AD7939BCPZ Datasheet HTML 18Page - Analog Devices AD7939BCPZ Datasheet HTML 19Page - Analog Devices AD7939BCPZ Datasheet HTML 20Page - Analog Devices AD7939BCPZ Datasheet HTML 21Page - Analog Devices AD7939BCPZ Datasheet HTML 22Page - Analog Devices AD7939BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Data Sheet
AD7938/AD7939
Rev. D | Page 19 of 36
100...000
011...111
1LSB = 2× VREF/4096 (AD7938)
1LSB = 2× VREF/1024 (AD7939)
–VREF +1 LSB
VREF
+VREF –1 LSB
100...001
100...010
011...110
000...001
000...000
111...111
Figure 18. AD7938/AD7939 Ideal Transfer Characteristic
with Twos Complement Output Coding and 2 × VREF Range
TYPICAL CONNECTION DIAGRAM
Figure 19 shows a typical connection diagram for the
AD7938/AD7939. The AGND and DGND pins are connected
together at the device for good noise suppression. The
VREFIN/VREFOUT pin is decoupled to AGND with a 0.47 μF
capacitor to avoid noise pickup if the internal reference is used.
Alternatively, VREFIN/VREFOUT can be connected to an external
reference source. In this case, the reference pin should be
decoupled with a 0.1 μF capacitor. In both cases, the analog
input range can either be 0 V to VREF (RANGE bit = 0) or 0 V to
2 × VREF (RANGE bit = 1). The analog input configuration can
be either eight single-ended inputs, four differential pairs, four
pseudo differential pairs, or seven pseudo differential inputs
(see Table 10). The VDD pin is connected to either a 3 V or 5 V
supply. The voltage applied to the VDRIVE input controls the
voltage of the digital interface. Here, it is connected to the same
3 V supply of the microprocessor to allow a 3 V logic interface
(see the Digital Inputs section).
0.1µF
10µF
3V/5V
SUPPLY
3V
SUPPLY
AD7938/AD7939
0.1µF
0.1µF EXTERNAL VREF
0.47µF INTERNAL VREF
AGND
DGND
W/B
CLKIN
CS
VDRIVE
VDD
VREFIN/VREFOUT
10µF
2.5V
VREF
RD
CONVST
WR
BUSY
DB0
DB11/DB9
+
+
+
+
+
0 TO VREF/
0 TO 2 × VREF
VIN0
VIN7
Figure 19. Typical Connection Diagram
ANALOG INPUT STRUCTURE
Figure 20 shows the equivalent circuit of the analog input
structure of the AD7938/AD7939 in differential/pseudo
differential mode. In single-ended mode, VIN− is internally
tied to AGND. The four diodes provide ESD protection for the
analog inputs. Care must be taken to ensure that the analog
input signals never exceed the supply rails by more than
300 mV. Doing so causes these diodes to become forward-
biased and start conducting into the substrate. These diodes can
conduct up to 10 mA without causing irreversible damage to
the part.
The C1 capacitors in Figure 20 are typically 4 pF and can
primarily be attributed to pin capacitance. The resistors are
lumped components made up of the on resistance of the
switches. The value of these resistors is typically about 100 Ω.
The C2 capacitors are the sampling capacitors of the ADC and
typically have a capacitance of 45 pF.
For ac applications, removing high frequency components from
the analog input signal is recommended by the use of an RC
low-pass filter on the relevant analog input pins. In applications
where harmonic distortion and signal-to-noise ratio are critical,
the analog input should be driven from a low impedance
source. Large source impedances significantly affect the ac
performance of the ADC. This may necessitate the use of an
input buffer amplifier. The choice of the op amp is a function of
the particular application.
R1
C2
VIN+
VDD
C1
D
D
R1
C2
VIN–
VDD
C1
D
D
Figure 20. Equivalent Analog Input Circuit,
Conversion Phase: Switches Open, Track Phase: Switches Closed
When no amplifier is used to drive the analog input, the source
impedance should be limited to low values. The maximum
source impedance depends on the amount of THD that can be
tolerated. The THD increases as the source impedance increases
and performance degrades. Figure 21 and Figure 22 show a
graph of the THD vs. source impedance with a 50 kHz input
tone for both VDD = 5 V and 3 V in single-ended mode and fully
differential mode, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com