Electronic Components Datasheet Search
  English  ▼

X  

SF36G Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SF36G
Description  3.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SF36G Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SF36G Datasheet HTML 1Page - PACELEADER INDUSTRIAL SF36G Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF31G THRU SF38G
3.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
Features
 Glass Passivated Chip
 Low Forward Voltage
 High Current Capability
 High reliability
 Super Fast Switching Speed
 High Surge Current Capability
 Moisture Sensitivity Level 1
 RoHS product for packing code suffix “G”
Halogen free product for packing code suffix “H”
Mechanical Date
 Case: Molded Plastic, DO-201AD
 Epoxy: UL 94V-0 Rate Flame Retardant
 Lead: Solderable per MIL-STD-202,
method 208 guaranteed
 Polarity: Color band denotes cathode end
 Mounting Position: Any
 Weight: 0.046 ounce, 1.18 gram (Approximate)
DO-201AD
.
.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
RATINGS
SYMBOLS
SF31G
SF32G
SF33G
SF34G
SF35G
SF36G
SF38G
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
Volts
Maximum Average Forward rectifier Current
0.375” (9.5mm) Lead length at Ta = 55
℃
IF(AV)
3.0
Amps
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
125
Amps
Maximum Instantaneous Forward Voltage at 3.0A DC
VF
0.95
1.27
1.75
Volts
Maximum DC Reverse Current at
Rated DC Blocking Voltage
@ Ta=25
℃
IR
5.0
μA
@ Ta=100
℃
100
Maximum Reverse Recovery Time (Note 1)
TRR
35
ns
Typical Thermal Resistance (Note 3)
RθJA
50
℃/W
RθJL
20
Typical Junction Capacitance(Note 2)
CJ
50
30
pF
Operating and Storage Temperature Range
TJ ,TSTG
-55 ~ 150
℃
Notes:
1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0VDC.
3. Typical Thermal Resistance: At 9.5mm lead lengths, PCB mounted.
.220(5.60)
.197(5.00)
.052(1.30)
.048(1.20)
.375(9.50)
.335(8.50)
DIA.
DIA.
1
www.paceleader.tw


Similar Part No. - SF36G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF36G JGD-SF36G Datasheet
171Kb / 2P
3.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF36G TSC-SF36G Datasheet
72Kb / 2P
3.0 AMPS. Ultra Fast Recovery Rectifiers
SF36G TSC-SF36G Datasheet
258Kb / 2P
3.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
SF36G BILIN-SF36G Datasheet
159Kb / 2P
GLASS PASSIVATED RECTIFIERS
logo
MIC GROUP RECTIFIERS
SF36G MIC-SF36G Datasheet
52Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
More results

Similar Description - SF36G

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SF11G WILLAS-SF11G Datasheet
419Kb / 2P
1.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
SF21G WILLAS-SF21G Datasheet
376Kb / 2P
2.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
SF31G WILLAS-SF31G Datasheet
276Kb / 2P
3.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
SF51G WILLAS-SF51G Datasheet
332Kb / 2P
5.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
FM301 WILLAS-FM301 Datasheet
307Kb / 2P
3.0 Amp Glass Passivated Super Fast Rectifiers - 50~1000Volts
FM301B WILLAS-FM301B Datasheet
319Kb / 2P
3.0 Amp Glass Passivated Super Fast Rectifiers - 50~1000Volts
logo
Shenzhen Luguang Electr...
SF31G LUGUANG-SF31G Datasheet
195Kb / 2P
3.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF31G GWSEMI-SF31G Datasheet
72Kb / 2P
3.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
PACELEADER INDUSTRIAL
SF21G PACELEADER-SF21G Datasheet
632Kb / 2P
2.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
SF51G PACELEADER-SF51G Datasheet
600Kb / 2P
5.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com