Electronic Components Datasheet Search
  English  ▼

X  

SM320A Datasheet(PDF) 5 Page - PACELEADER INDUSTRIAL

Part # SM320A
Description  3A Low VF Schottkty Barrier Rectifiers 40V~200V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SM320A Datasheet(HTML) 5 Page - PACELEADER INDUSTRIAL

  SM320A Datasheet HTML 1Page - PACELEADER INDUSTRIAL SM320A Datasheet HTML 2Page - PACELEADER INDUSTRIAL SM320A Datasheet HTML 3Page - PACELEADER INDUSTRIAL SM320A Datasheet HTML 4Page - PACELEADER INDUSTRIAL SM320A Datasheet HTML 5Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Reel Taping Sepecification - Surface Mount Device
Reel Packing
PER REEL REEL DIA
BOX SIZE
PER BOX
CARTION
PER
CARTION
GROSS
WEIGHT
EA
(m/m)
(m/m)
EA
(m/m)
EA
(Kg)
SMA
5,000
330
340*340*40
10,000
355*360*350
80,000
15.0
SMB
3,000
330
340*340*40
6,000
355*360*350
48,000
13.6
SMC
3,000
330
340*340*40
6,000
355*360*350
48,000
18.5
PACKAGE
5
www.paceleader.tw
THRU
Note. Packing tape color : It's contains colorless & Black.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com