Electronic Components Datasheet Search
  English  ▼

X  

GSIB4A60 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GSIB4A60
Description  Glass Passivated Single-In-Line Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSIB4A60 Datasheet(HTML) 1 Page - Vishay Siliconix

  GSIB4A60 Datasheet HTML 1Page - Vishay Siliconix GSIB4A60 Datasheet HTML 2Page - Vishay Siliconix GSIB4A60 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VISHAY
GSIB4A20 thru GSIB4A80
Document Number 88858
03-Dec-04
Vishay Semiconductors
www.vishay.com
1
Case Style GSIB-3G
~
~
~
~
Glass Passivated Single-In-Line Bridge Rectifier
Major Ratings and Characteristics
IF(AV)
4 A
VRRM
200 V to 800 V
IFSM
80 A
IR
5 µA
VF
1.0 V
Tj max.
150 °C
Features
• UL Recognition file number E54214
• Ideal for printed circuit boards
• High surge current capability
• High case dielectric strength of 1500 VRMS
• Meets MSL level 1, per J-STD-020C
Typical Applications
General purpose use in ac-to-dc bridge full wave rec-
tification for Monitor, TV, Printer, Switching Mode
Power Supply, Adapter, Audio equipment, and Home
Appliances applications
Mechanical Data
Case: GSIB-3G
Epoxy meets UL-94V-0 Flammability rating
Terminals: Matte tin plated (E3 Suffix) leads, solder-
able per J-STD-002B and MIL-STD-750, Method
2026
Polarity: As marked on body
Mounting Torque: 10 cm-kg (8.8 inches-lbs) max.
Recommended Torque: 5.7 cm-kg (5 inches-lbs)
Maximum Ratings
Ratings at 25 °C ambient temperature unless otherwise specified.
Electrical Characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Parameter
Symbol
GSIB4A20
GSIB4A40
GSIB4A60
GSIB4A80
Unit
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
V
Maximum RMS voltage
VRMS
140
280
420
560
V
Maximum DC blocking voltage
VDC
200
400
600
800
V
Maximum average forward
TC = 100 °C
rectified output current at
TA = 25 °C
IF(AV)
4.0(1)
2.3(2)
A
Peak forward surge current single sine-wave
superimposed on rated load
IFSM
80
A
Rating for fusing (t < 8.3 ms)
I2t
32
A2sec
Operating junction and storage temperature
range
TJ, TSTG
- 55 to + 150
°C
Parameter
Test condition
Symbol
GSIB4A20
GSIB4A40
GSIB4A60
GSIB4A80
Unit
Maximum instantaneous
forward drop per leg
at 2.0 A
VF
1.00
V
Maximum DC reverse
current at rated DC blocking
voltage per leg
TA = 25 °C
TA = 125 °C
IR
5.0
400
µA


Similar Part No. - GSIB4A60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB4A60 VISHAY-GSIB4A60 Datasheet
123Kb / 4P
Glass Passivated Single-In-Line Bridge Rectifier
01-Feb-08
logo
Gulf Semiconductor
GSIB4A60 GULFSEMI-GSIB4A60 Datasheet
144Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
logo
Vishay Siliconix
GSIB4A60-E3/45 VISHAY-GSIB4A60-E3/45 Datasheet
123Kb / 4P
Glass Passivated Single-In-Line Bridge Rectifier
01-Feb-08
More results

Similar Description - GSIB4A60

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
2KBP005M TRSYS-2KBP005M Datasheet
145Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE PHASE RECTIFIER BRIDGE
logo
Pan Jit International I...
2KBP005M PANJIT-2KBP005M Datasheet
88Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBL400 PANJIT-GBL400_04 Datasheet
47Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP200 PANJIT-GBP200_04 Datasheet
36Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP300 PANJIT-GBP300_04 Datasheet
36Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GPJ10A PANJIT-GPJ10A Datasheet
104Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBJ1500 PANJIT-KBJ1500 Datasheet
103Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GSIB4A20 VISHAY-GSIB4A20 Datasheet
123Kb / 4P
Glass Passivated Single-In-Line Bridge Rectifier
01-Feb-08
logo
Guangdong Juxing Electr...
GBP200 JUXING-GBP200 Datasheet
360Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBJ3501 ETC1-KBJ3501 Datasheet
601Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com