Electronic Components Datasheet Search
  English  ▼

X  

PE343 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE343
Description  RF Cable Assemblies Technical Data Sheet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE343 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE343 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE343 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE343 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE343 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: N Male
• Connector 2: N Male
• Cable Type: PE-P142LL
Features
• 83% Velocity of Propagation
• Shielding effectiveness > 95 dB
• Maximum VSWR is < 1.35:1 to 18 GHz
• Minimum Bend Radius of 1 inch
• Operating Temperature range of -55 to +125 °C
• ROHS and REACH Compliant
• Same day shipment of custom lengths
• 100% Continuity, Hi-Pot, and RF tested
.
Description
The PE340 series high performance test cable’s 0.195 inch diameter and 83% phase velocity offer very low loss performance
up to 18 GHz. The durable stainless stell connectors and FEP jacket provide a cost effective design ideal for test environments
where a rugged cabel assembly is required. The series is offered with Type N, TNC, and SMA connectors all rated to 18 GHz.
A heavy duty boot provides improved strain relief and adds the durability of the cable assemblies. These cable assemblies
and built using a double shielded flexible cable, providing excellent shielding effectiveness of greater than 95 dB. All PE340
cable assemblies are 100% Continuity, Hi-POT, and RF tested to published specifications. Custom lengths are built to order
and shipped same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Velocity of Propagation
83
%
RF Shielding
95
dB
Capacitance
25 [82.02]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
2
5
10
18
GHz
Insertion Loss (Max.)
0.1
0.13
0.21
0.3
0.4
dB/ft
[0.33]
[0.43]
[0.69]
[0.98]
[1.31]
[dB/m]
Power Handling (Max.)
700
400
300
220
160
Watts
.
Electrical Specification Notes:
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Cable Using PE-P142LL Coax PE343
PE343 REV 1.2
N Male to N Male Cable Using PE-P142LL Coax
RF Cable Assemblies Technical Data Sheet
PE343


Similar Part No. - PE343

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE343-100CM PASTERNACK-PE343-100CM Datasheet
470Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE343-12 PASTERNACK-PE343-12 Datasheet
466Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE343-150CM PASTERNACK-PE343-150CM Datasheet
471Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE343-200CM PASTERNACK-PE343-200CM Datasheet
471Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE343-24 PASTERNACK-PE343-24 Datasheet
466Kb / 5P
RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE343

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3W03154-12 PASTERNACK-PE3W03154-12 Datasheet
434Kb / 4P
RF Cable Assemblies Technical Data Sheet
PE3C4447-72 PASTERNACK-PE3C4447-72 Datasheet
485Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-6 PASTERNACK-PE3C4448-6 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-72 PASTERNACK-PE3C4448-72 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4451-72 PASTERNACK-PE3C4451-72 Datasheet
504Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4452-6 PASTERNACK-PE3C4452-6 Datasheet
506Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4453-60 PASTERNACK-PE3C4453-60 Datasheet
499Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4454-6 PASTERNACK-PE3C4454-6 Datasheet
500Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4454-24 PASTERNACK-PE3C4454-24 Datasheet
500Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4455-24 PASTERNACK-PE3C4455-24 Datasheet
449Kb / 4P
RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com