Electronic Components Datasheet Search
  English  ▼

X  

LPF-25 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # LPF-25
Description  25W Constant Voltage Constant Current LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPF-25 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  LPF-25 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPF-25 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LPF-25 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LPF-25 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LPF-25 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LPF-25 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
L P F - 2 5 series
25W Constant Voltage + Constant Current LED Driver
LIFETIME
Tcase(
)
℃
0
20
40
60
80
100
120
20
30
40
50
60
70
File Name:LPF-25-SPEC 2017-04-13



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com