Electronic Components Datasheet Search
  English  ▼

X  

HA12237F Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA12237F
Description  Audio Signal Processor for Cassette Deck
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA12237F Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA12237F Datasheet HTML 1Page - Renesas Technology Corp HA12237F Datasheet HTML 2Page - Renesas Technology Corp HA12237F Datasheet HTML 3Page - Renesas Technology Corp HA12237F Datasheet HTML 4Page - Renesas Technology Corp HA12237F Datasheet HTML 5Page - Renesas Technology Corp HA12237F Datasheet HTML 6Page - Renesas Technology Corp HA12237F Datasheet HTML 7Page - Renesas Technology Corp HA12237F Datasheet HTML 8Page - Renesas Technology Corp HA12237F Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
HA12237F
Rev.1.00 Jun 15, 2005 page 2 of 32
Pin Description, Equivalent Circuit
(VCC = 12 V, Ta = 25
°C, No Signal, The value in the table shows typical value.)
Pin No.
Pin Name
Note
Equivalent Circuit
Description
16
VCC
V = VCC
VCC pin
21
RECOUT(L)
10
RECOUT(R)
REC output
26
PBOUT(L)
5
PBOUT(R)
V = VCC/2
PB output
28
EQOUT(L)
3
EQOUT(R)
V = 2.9 V
VCC
GND
EQ output
35
REC-RETURN
REC Return
34
BIN(L)
37
BIN(R)
V = 0 V
PB-NF
BIN
REC Return
VCC
120 k
PB B deck input
32
AIN(L)
39
AIN(R)
V = 0 V
PB-NF
AIN
GND
VCC
120 k
PB A deck input
24
RECIN(L)
7
RECIN(R)
V = VCC/2
REC-EQ input
27
TAI(L)
4
TAI(R)
V = VCC/2
VCC/2
VCC
100 k
Tape input
11
ALC ON/
OFF
12
High/
Norm
13
A/
B
14
MUTE ON/
OFF
15
REC MUTE
OFF/
ON
(Control voltage
= 3 V)
GND
VCC
I
100 k
22 k
Mode control input
19
IREF
V = 1.2 V
Equalizer reference current
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com