Electronic Components Datasheet Search
  English  ▼

X  

YP13 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # YP13
Description  AC power cord with JAP 2 Pin plug and IEC320 C7 plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

YP13 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  YP13 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
                                               
 
 
 
 
YP13+YC13 
AC power cord with JAP 2 Pin plug and IEC320 C7 plug  
 
AddThis Sharing Buttons 
Specifications 
Technical data 
Information 
Brand 
Mean Well 
Commodity 
8544429090 
Item number 
YP13+YC13 
Warranty pack 
12 Months Bring‐In 
Description 
AC power cord with JAP 2 Pin plug and IEC320 C7 plug 
RoHS 
Compliant 
Output Power (W)  0 
Packing quantity 
200 
Depth 
0 
0 
Net weight (gram) 
80 
80 
 


Similar Part No. - YP13

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
YP10 MACOM-YP10 Datasheet
382Kb / 1P
High Power Capacitor Discharge Resisotrs
YP10 MACOM-YP10 Datasheet
382Kb / 1P
High Power Capacitor Discharge Resistors
YP1010KJ MACOM-YP1010KJ Datasheet
382Kb / 1P
High Power Capacitor Discharge Resistors
YP1010KK MACOM-YP1010KK Datasheet
382Kb / 1P
High Power Capacitor Discharge Resistors
logo
TE Connectivity Ltd
YP1018KJ TEC-YP1018KJ Datasheet
2Mb / 6P
Innovative Solutions for Elevators and Escalators
03/2014
More results

Similar Description - YP13

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2511 SCHURTER-2511 Datasheet
333Kb / 2P
Power Cord with IEC Connector C7, Angled
2514 SCHURTER-2514 Datasheet
317Kb / 2P
Power Cord with IEC Plug C7, Angled
5025 SCHURTER-5025 Datasheet
191Kb / 1P
Power Cord with Special Plug and Connector, Straight
logo
Mean Well Enterprises C...
YP11 MEANWELL-YP11 Datasheet
104Kb / 1P
AC power cord with US 2 Pin plug and IEC320 C13 plug
YP12 MEANWELL-YP12 Datasheet
104Kb / 1P
AC power cord with US 3 Pin plug and IEC320?륝13 plug
YP22 MEANWELL-YP22 Datasheet
103Kb / 1P
AC power cord with Euro 3 Pin plug and IEC320?륝13 plug
YP35 MEANWELL-YP35 Datasheet
104Kb / 1P
AC power cord with AUS 3 Pin plug and IEC320?륝13 plug
YP61 MEANWELL-YP61 Datasheet
102Kb / 1P
AC power cord with UK 3 Pin plug and IEC320?륝13 plug
logo
Schurter Inc.
6010.5274 SCHURTER-6010.5274 Datasheet
275Kb / 3P
US Power Supply Cord with C7 Plug, Straight
6010.5278 SCHURTER-6010.5278 Datasheet
213Kb / 3P
US Power Supply Cord with C7 Plug, Straight
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com