Electronic Components Datasheet Search
  English  ▼

X  

PE3741 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3741
Description  BNC Male to MHV Male Cable Using RG58 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3741 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3741 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3741 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3741 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3741 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: BNC Male
• Connector 2: MHV Male
• Cable Type: RG58
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
300
MHz
VSWR
1.4:1
Velocity of Propagation
65.9
%
RF Shielding
45
dB
Capacitance
30.8 [101.05]
pF/ft [pF/m]
Operating Voltage (AC)
500
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
50
100
250
500
1,000
MHz
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Diameter
0.571 in [14.5 mm]
.
Weight
0.082 lbs [37.19 g]
One Time Minimum Bend Radius
2 in [50.8 mm]
Cable
Cable Type
RG58
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper, Tin
Dielectric Type
PE
Number of Shields
1
Shield Layer 1
Tinned Copper Braid
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male to MHV Male Cable Using RG58 Coax PE3741
PE3741 REV
BNC Male to MHV Male Cable Using RG58 Coax
RF Cable Assemblies Technical Data Sheet
PE3741


Similar Part No. - PE3741

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE37401 PASTERNACK-PE37401 Datasheet
99Kb / 1P
CABLE ASSEMBLY, RG316-DS, SMA MALE TO SSMA MALE
PE37401-12 PASTERNACK-PE37401-12 Datasheet
99Kb / 1P
CABLE ASSEMBLY, RG316-DS, SMA MALE TO SSMA MALE
PE37401-24 PASTERNACK-PE37401-24 Datasheet
99Kb / 1P
CABLE ASSEMBLY, RG316-DS, SMA MALE TO SSMA MALE
PE37401-36 PASTERNACK-PE37401-36 Datasheet
99Kb / 1P
CABLE ASSEMBLY, RG316-DS, SMA MALE TO SSMA MALE
PE37401-48 PASTERNACK-PE37401-48 Datasheet
99Kb / 1P
CABLE ASSEMBLY, RG316-DS, SMA MALE TO SSMA MALE
More results

Similar Description - PE3741

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3264 PASTERNACK-PE3264 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable Using RG8X Coax
PE3C0054 PASTERNACK-PE3C0054 Datasheet
337Kb / 3P
BNC Male to BNC Male Cable Using LMR-195 Coax
PE3C2034 PASTERNACK-PE3C2034 Datasheet
363Kb / 4P
BNC Male to BNC Male Cable Using RG188 Coax
PE3C2295 PASTERNACK-PE3C2295 Datasheet
365Kb / 4P
BNC Male to BNC Male Cable Using RG174 Coax
PE3C2416 PASTERNACK-PE3C2416 Datasheet
376Kb / 4P
BNC Male to BNC Male Cable Using RG316 Coax
PE3C3393 PASTERNACK-PE3C3393 Datasheet
366Kb / 4P
TNC Male to BNC Male Cable Using RG316 Coax
PE3067-240 PASTERNACK-PE3067-240 Datasheet
359Kb / 4P
BNC Male to BNC Male Cable 240 Inch Length Using RG58 Coax
PE3067-300 PASTERNACK-PE3067-300 Datasheet
359Kb / 4P
BNC Male to BNC Male Cable 300 Inch Length Using RG58 Coax
PE3067-360 PASTERNACK-PE3067-360 Datasheet
359Kb / 4P
BNC Male to BNC Male Cable 360 Inch Length Using RG58 Coax
PE3067-600 PASTERNACK-PE3067-600 Datasheet
359Kb / 4P
BNC Male to BNC Male Cable 600 Inch Length Using RG58 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com