Electronic Components Datasheet Search
  English  ▼

X  

PE4091 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4091
Description  BNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment Solder Cup Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4091 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4091_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4091_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4091_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
30 µin minimum
Insulation
PTFE
Body
Brass
Nickel
100 µin minimum
.
Environmental Specifications
Temperature
Operating Range
-40 to +60 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
BNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment Solder Cup Terminal,
.350 inch D Hole PE4091
URL: https://www.pasternack.com/bnc-female-standard-solder-cup-terminal-connector-pe4091-p.aspx
PE4091 REV 1.2
RF Connectors Technical Data Sheet
PE4091
BNC Female Bulkhead Mount Isolated Ground Connector
Solder Attachment Solder Cup Terminal, .350 inch D Hole



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com