Electronic Components Datasheet Search
  English  ▼

X  

PE4092 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4092
Description  BNC Male Right Angle Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4092 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4092 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4092 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4092 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Male Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• PE-SR402AL, PE-SR402FL, PE-SR402FLJ, PE-
SR402TN, RG402 Interface Type
• Solder/Solder Attachment
Features
• Max. Operating Frequency 4 GHz
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4092 BNC male right angle connector with solder/solder attachment for PE-SR402AL, PE-SR402FL, PE-
SR402FLJ, PE-SR402TN and RG402 is part of our full line of RF components available for same-day shipping. Our BNC
male connector operates up to a maximum frequency of 4 GHz. Its right angle body geometry allows for easier connections
in tight spaces.
Our BNC male right angle connector PE4092 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
0.89 in [22.61 mm]
Width/Dia.
0.57 in [14.48 mm]
.
Weight
0.029 lbs [13.15 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male Right Angle Connector Solder Attachment for PE-SR402AL, PE-SR402FL, PE-
SR402FLJ, PE-SR402TN, RG402 PE4092
PE4092 REV 1.2
BNC Male Right Angle Connector Solder Attachment for PE-
SR402AL, PE-SR402FL, PE-SR402FLJ, PE-SR402TN, RG402
RF Connectors Technical Data Sheet
PE4092


Similar Part No. - PE4092

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4092 PASTERNACK-PE4092 Datasheet
288Kb / 2P
BNC Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
More results

Similar Description - PE4092

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4606 PASTERNACK-PE4606_16 Datasheet
330Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
PE4607 PASTERNACK-PE4607_16 Datasheet
333Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
PE4608 PASTERNACK-PE4608_16 Datasheet
318Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment
PE4053 PASTERNACK-PE4053_16 Datasheet
369Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment
PE4102 PASTERNACK-PE4102_16 Datasheet
787Kb / 3P
BNC Male Right Angle Connector Solder Attachment
PE4195 PASTERNACK-PE4195_16 Datasheet
377Kb / 3P
BNC Male Right Angle Connector Crimp/Solder Attachment
PE4307 PASTERNACK-PE4307_16 Datasheet
415Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment
PE4345 PASTERNACK-PE4345 Datasheet
323Kb / 4P
BNC Male Right Angle Connector Crimp/Solder Attachment
PE4387 PASTERNACK-PE4387_16 Datasheet
403Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment
PE4393 PASTERNACK-PE4393_16 Datasheet
317Kb / 3P
BNC Male Right Angle Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com