Electronic Components Datasheet Search
  English  ▼

X  

PE4102 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4102
Description  BNC Male Right Angle Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4102 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4102 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4102 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4102 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Male Connector
• MIL-C-39012
• 50 Ohms
• Right Angle Body Geometry
• PE-SR405AL, PE-SR405FL, RG405 Interface Type
• Solder/Solder Attachment
.
Mechanical Specifications
Size
Length
0.89 in [22.61 mm]
Width/Dia.
0.57 in [14.48 mm]
.
Weight
0.013 lbs [5.9 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Silver
QQ-S-365
Insulation
Teflon
Body
Brass
Gold
MIL-G-45204
Coupling Nut
Brass
Nickel
.
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: BNC Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL,
RG405 PE4102
PE4102 REV 1.1
BNC Male Right Angle Connector Solder Attachment
For PE-SR405AL, PE-SR405FL, RG405
RF Connectors Technical Data Sheet
PE4102


Similar Part No. - PE4102

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4102 PASTERNACK-PE4102 Datasheet
221Kb / 3P
BNC MALE RIGHT Angle Connector Solder Attachment For PE-SR405AL PE-SR405FL, RG405l
More results

Similar Description - PE4102

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4606 PASTERNACK-PE4606_16 Datasheet
330Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
PE4607 PASTERNACK-PE4607_16 Datasheet
333Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
PE4608 PASTERNACK-PE4608_16 Datasheet
318Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment
PE4053 PASTERNACK-PE4053_16 Datasheet
369Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment
PE4092 PASTERNACK-PE4092_16 Datasheet
386Kb / 3P
BNC Male Right Angle Connector Solder Attachment
PE4195 PASTERNACK-PE4195_16 Datasheet
377Kb / 3P
BNC Male Right Angle Connector Crimp/Solder Attachment
PE4307 PASTERNACK-PE4307_16 Datasheet
415Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment
PE4345 PASTERNACK-PE4345 Datasheet
323Kb / 4P
BNC Male Right Angle Connector Crimp/Solder Attachment
PE4387 PASTERNACK-PE4387_16 Datasheet
403Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment
PE4393 PASTERNACK-PE4393_16 Datasheet
317Kb / 3P
BNC Male Right Angle Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com