Electronic Components Datasheet Search
  English  ▼

X  

PE4110 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4110
Description  75 Ohm SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4110 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4110 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4110 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4110 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMB Jack Connector
• MIL-STD-348
• 75 Ohms
• Straight Body Geometry
• Thru Hole Interface Type
• Solder Attachment
Features
• Max. Operating Frequency 2 GHz
• Gold Plated Brass Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• PCB Applications
.
Description
Pasternack’s PE4110 75 ohm SMB jack connector with solder attachment for thru hole PCB (.200 inch x .067 inch hole
spacing) is part of our full line of RF components available for same-day shipping. Our SMB jack connector operates up to a
maximum frequency of 2 GHz.
Our 75 ohm SMB jack connector PE4110 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
2
GHz
Operating Voltage (AC)
250
Vrms
Dielectric Withstanding Voltage (AC)
750
Vrms
Insulation Resistance
1,000
MOhms
.
Mechanical Specifications
Size
Length
0.45 in [11.43 mm]
Width/Dia.
0.38 in [9.65 mm]
Height
0.38 in [9.65 mm]
.
Weight
0.004 lbs [1.81 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole
Spacing PE4110
PE4110 REV 1.2
75 Ohm SMB Jack Connector Solder Attachment Thru
Hole PCB, .200 inch x .067 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4110


Similar Part No. - PE4110

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4110 PASTERNACK-PE4110 Datasheet
220Kb / 3P
75 Ohm SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
logo
Beijing Yaohuadechang E...
PE4110C-I YHDC-PE4110C-I Datasheet
687Kb / 1P
PE series PCB safety isolation transformer
More results

Similar Description - PE4110

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4366 PASTERNACK-PE4366 Datasheet
234Kb / 2P
SMB Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4292 PASTERNACK-PE4292 Datasheet
221Kb / 3P
75 Ohm SMB Plug Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4368 PASTERNACK-PE4368 Datasheet
278Kb / 2P
75 Ohm SMB Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4369 PASTERNACK-PE4369 Datasheet
234Kb / 2P
75 Ohm SMC Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4110 PASTERNACK-PE4110 Datasheet
220Kb / 3P
75 Ohm SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4174 PASTERNACK-PE4174 Datasheet
257Kb / 1P
SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x 067 inch Hole Spacing
PE4177 PASTERNACK-PE4177 Datasheet
259Kb / 3P
SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4180 PASTERNACK-PE4180 Datasheet
212Kb / 2P
75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4179 PASTERNACK-PE4179 Datasheet
245Kb / 3P
75 Ohm SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4366 PASTERNACK-PE4366_16 Datasheet
345Kb / 3P
SMB Plug Connector Solder Attachment Thru Hole PCB .200 inch x .067 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com