Electronic Components Datasheet Search
  English  ▼

X  

PE3TC1100 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3TC1100
Description  RF Cable Assemblies Technical Data Sheet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC1100 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3TC1100 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC1100 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC1100 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC1100 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.25
0.5
1
3
GHz
Insertion Loss (Max.)
0.12
0.19
0.27
0.38
0.66
dB/ft
[0.39]
[0.62]
[0.89]
[1.25]
[2.17]
[dB/m]
Power Handling (Max.)
450
300
200
150
80
Watts
.
Electrical Specification Notes:
Values at 25°C, sea level.
Mechanical Specifications
Cable Assembly
.
Cable
Cable Type
PE-SF200LL
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Bare
Dielectric Type
PTFE
Number of Shields
2
Shield Layer 1
Aluminum Tape
Shield Layer 2
Tinned Copper
Jacket Material
PVC
Jacket Diameter
0.185 in [4.7 mm]
.
One Time Minimum Bend Radius
0.5 in [12.7 mm]
Connectors
Description
Connector 1
Connector 2
Type
BNC Male
BNC Male
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Brass, Gold
Dielectric Type
PTFE
PTFE
Coupling Nut Material and Plating
Brass, Nickel
Brass, Nickel
Body Material and Plating
Brass, Nickel
Brass, Nickel
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE3TC1100 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male to BNC Male Low Frequency Low Loss Cable Using PE-SF200LL Coax, RoHS
PE3TC1100
RF Cable Assemblies Technical Data Sheet
PE3TC1100
BNC Male to BNC Male Low Frequency Low Loss
Cable Using PE-SF200LL Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com