Electronic Components Datasheet Search
  English  ▼

X  

HZ6L Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HZ6L
Description  Silicon Epitaxial Planar Zener Diode for Low Noise Application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZ6L Datasheet(HTML) 1 Page - Renesas Technology Corp

  HZ6L Datasheet HTML 1Page - Renesas Technology Corp HZ6L Datasheet HTML 2Page - Renesas Technology Corp HZ6L Datasheet HTML 3Page - Renesas Technology Corp HZ6L Datasheet HTML 4Page - Renesas Technology Corp HZ6L Datasheet HTML 5Page - Renesas Technology Corp HZ6L Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.2.00, Mar.11.2004, page 1 of 5
HZ-L Series
Silicon Epitaxial Planar Zener Diode for Low Noise Application
REJ03G0182-0200Z
(Previous: ADE-208-118A)
Rev.2.00
Mar.11.2004
Features
• Diode noise level of this series is approximately 1/3-1/10 lower than the HZ series.
• Low leakage, low zener impedance and maximum power dissipation of 400 mW are ideally suited for stabilized
power supply, etc.
• Wide spectrum from 5.2V through 38 V of zener voltage provide flexible application.
Ordering Information
Type No.
Mark
Package Code
HZ-L Series
Type No.
DO-35
Pin Arrangement
1. Cathode
2. Anode
7
B 2
Cathode band
Type No.
1
2
Body color is orange


Similar Part No. - HZ6L

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
HZ6LA1 SEMTECH_ELEC-HZ6LA1 Datasheet
217Kb / 3P
SILICON EPITAXIAL PLANER ZENER DIODES
HZ6LA2 SEMTECH_ELEC-HZ6LA2 Datasheet
217Kb / 3P
SILICON EPITAXIAL PLANER ZENER DIODES
HZ6LA3 SEMTECH_ELEC-HZ6LA3 Datasheet
217Kb / 3P
SILICON EPITAXIAL PLANER ZENER DIODES
HZ6LB1 SEMTECH_ELEC-HZ6LB1 Datasheet
217Kb / 3P
SILICON EPITAXIAL PLANER ZENER DIODES
More results

Similar Description - HZ6L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZS-LL RENESAS-HZS-LL Datasheet
67Kb / 5P
Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
Rev.2.00 Jan.06.2004
logo
Hitachi Semiconductor
HZ-LL HITACHI-HZ-LL Datasheet
20Kb / 4P
Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
logo
Renesas Technology Corp
HZ-LL RENESAS-HZ-LL Datasheet
49Kb / 5P
Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
HZU-LL RENESAS-HZU-LL Datasheet
87Kb / 7P
Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
HZS-L RENESAS-HZS-L Datasheet
74Kb / 7P
Silicon Epitaxial Planar Zener Diode for Low Noise Application
HZK-LL RENESAS-HZK-LL Datasheet
46Kb / 6P
Silicon Epitaxial Planar Zener Diodes for Hard Knee Low Noise
HZU-L RENESAS-HZU-L Datasheet
77Kb / 6P
Silicon Planar Zener Diode for Low Noise Application
HZM-N RENESAS-HZM-N_11 Datasheet
92Kb / 7P
Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM15NB2TL-E RENESAS-HZM15NB2TL-E Datasheet
220Kb / 10P
Silicon Epitaxial Planar Zener Diode for Stabilizer
HZU3ALLTRF-E RENESAS-HZU3ALLTRF-E Datasheet
183Kb / 7P
Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com