Electronic Components Datasheet Search
  English  ▼

X  

PE3TC1102 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3TC1102
Description  RF Cable Assemblies Technical Data Sheet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC1102 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3TC1102 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC1102 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC1102 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC1102 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: N Male
• Connector 2: N Male
• Cable Type: PE-SF200LL
Features
• Quick connection and quick lock design
• 1.35:1 VSWR to 6 GHz
• 76% velocity of propagation (VoP) low loss coax
• 100% VSWR tested and Hi-Pot tested to 500 volts
•
Very flexible and durable
• Enhanced strain relief, head duty booting
• In-stock and ready to ship
Applications
• Production testing for Wi-Fi and
LTE products
• RF developments testing
• General lab testing
• Test rack applications
.
Description
Pasternack’s new lines of Type-N test cables built on our PE-SF200LL coax are optimized for use up to 6 GHz. Our Quick-Lock
type N connectors have reduced threads making it easier to mate and de-mate the connectors while still providing a secure
threaded connection. The highly flexible low loss coax design improves the usability of the test cables reducing the strain
applied to your test components and making it easier to route the cables in your test setup or equipment rack. The flexible coax
cable has excellent electrical properties including low insertion loss and >100 dB of shielding effectivity. These cables are an
excellent choice for production testing where speed of connection is important while maintaining good electrical performance.
These 6 GHz test cables are available with Male and Female N-Type connector options and are stocked in standard lengths
and available for same day shipment.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.35:1
Velocity of Propagation
76
%
RF Shielding
90
dB
Group Delay
1.34 [4.4]
ns/ft [ns/m]
Capacitance
26.7 [87.6]
pF/ft [pF/m]
Operating Voltage (AC)
500
Vrms
Input Power (Peak)
3
KWatts
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Quick Lock N Male to Quick Lock N Male Low Frequency Low Loss Cable Using PE-SF200LL
Coax, RoHS PE3TC1102
PE3TC1102 REV 1.0
Quick Lock N Male to Quick Lock N Male Low Frequency
Low Loss Cable Using PE-SF200LL Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE3TC1102


Similar Part No. - PE3TC1102

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3TC1102-100CM PASTERNACK-PE3TC1102-100CM Datasheet
367Kb / 4P
RF Cable Assemblies Technical Data Sheet
PE3TC1102-200CM PASTERNACK-PE3TC1102-200CM Datasheet
367Kb / 4P
RF Cable Assemblies Technical Data Sheet
PE3TC1102-24 PASTERNACK-PE3TC1102-24 Datasheet
367Kb / 4P
RF Cable Assemblies Technical Data Sheet
PE3TC1102-36 PASTERNACK-PE3TC1102-36 Datasheet
367Kb / 4P
RF Cable Assemblies Technical Data Sheet
PE3TC1102-48 PASTERNACK-PE3TC1102-48 Datasheet
367Kb / 4P
RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE3TC1102

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3W03154-12 PASTERNACK-PE3W03154-12 Datasheet
434Kb / 4P
RF Cable Assemblies Technical Data Sheet
PE3C4447-72 PASTERNACK-PE3C4447-72 Datasheet
485Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-6 PASTERNACK-PE3C4448-6 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-72 PASTERNACK-PE3C4448-72 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4451-72 PASTERNACK-PE3C4451-72 Datasheet
504Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4452-6 PASTERNACK-PE3C4452-6 Datasheet
506Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4453-60 PASTERNACK-PE3C4453-60 Datasheet
499Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4454-6 PASTERNACK-PE3C4454-6 Datasheet
500Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4454-24 PASTERNACK-PE3C4454-24 Datasheet
500Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4455-24 PASTERNACK-PE3C4455-24 Datasheet
449Kb / 4P
RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com