Electronic Components Datasheet Search
  English  ▼

X  

PE35654-36 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE35654-36
Description  2.4mm Male to 2.4mm Female Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35654-36 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE35654-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE35654-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE35654-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE35654-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE35654
- xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE35654-12 = 12 inches long cable
PE35654-100cm = 100 cm long cable
2.4mm Male to 2.4mm Female Cable 36 Inch Length Using RG405 Coax from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Male to 2.4mm Female Cable 36 Inch Length Using RG405 Coax PE35654-36
URL: http://www.pasternack.com/2.4mm-male-2.4mm-female-rg405u-cable-assembly-pe35654-36-p.aspx
PE35654-36 REV 1.1
RF Cable Assemblies Technical Data Sheet
2.4mm Male to 2.4mm Female Cable
36 Inch Length Using RG405 Coax
PE35654-36



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com