Electronic Components Datasheet Search
  English  ▼

X  

MBC75 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # MBC75
Description  3 x 2 x 1 Inch Form Factor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MBC75 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  MBC75 Datasheet HTML 1Page - Bel Fuse Inc. MBC75 Datasheet HTML 2Page - Bel Fuse Inc. MBC75 Datasheet HTML 3Page - Bel Fuse Inc. MBC75 Datasheet HTML 4Page - Bel Fuse Inc. MBC75 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The MBC75 Series of open frame medical power supplies feature a
wide universal AC input range of 85 V – 264 VAC, offering 75 W of
output power in a compact footprint, with a variety of isolated single
output voltages.
The MBC series is designed and approved to the latest Medical
standards (EN/IEC 60601-1), providing 2 x MOPP isolation for Class I
& Class II applications.
These power supplies are ideal for medical, telecom, datacom,
industrial equipment and other applications.
•
3 x 2 x 1 Inch Form Factor
•
75 Watts with Convection Cooling
•
Approved to EN/IEC 60601-1
•
Efficiencies up to 93%
•
-40 To 70°C Operating Temperature
•
Dual Fusing
•
Thermal Shut-Down Feature
•
2 Million Hours, Telcordia -SR332-Issue 3
•
Standby Power < 0.3 W
•
Suitable for BF Applications
•
Class II Option Available
•
RoHS Compliant
•
CE Marked
•
Diagnostic
•
Drug Pump
•
Dialysis
•
Home Health Care
•
Monitoring
•
Portable Equipment


Similar Part No. - MBC75

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBC75-1012L BEL-MBC75-1012L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
MBC75-1015L BEL-MBC75-1015L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
MBC75-1024L BEL-MBC75-1024L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
MBC75-1030L BEL-MBC75-1030L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
MBC75-1048L BEL-MBC75-1048L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
More results

Similar Description - MBC75

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC75-1T12L BEL-ABC75-1T12L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
ABC550-1T12 BEL-ABC550-1T12 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
MBC75-1T12L BEL-MBC75-1T12L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
MBC550-1T12 BEL-MBC550-1T12 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
ABC550 BEL-ABC550 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
ABC40 BEL-ABC40_V01 Datasheet
547Kb / 6P
4 x 2 x 1.2 Inch Form Factor
ABC75 BEL-ABC75_V01 Datasheet
1Mb / 7P
3 x 2 x 1 Inch Form Factor 75 Watts with Convection Cooling
ABC275 BEL-ABC275_V01 Datasheet
722Kb / 7P
5 x 3 x 0.75 Inch Form Factor
ABC300 BEL-ABC300_V01 Datasheet
867Kb / 7P
5 x 3 x 1.5 inch form factor
MBC150 BEL-MBC150 Datasheet
730Kb / 6P
4 x 2 x 1.3 Inch Form Factor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com