Electronic Components Datasheet Search
  English  ▼

X  

HZU6.2 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HZU6.2
Description  Silicon Epitaxial Planar Zener Diodes for Stabilizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZU6.2 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HZU6.2 Datasheet HTML 3Page - Renesas Technology Corp HZU6.2 Datasheet HTML 4Page - Renesas Technology Corp HZU6.2 Datasheet HTML 5Page - Renesas Technology Corp HZU6.2 Datasheet HTML 6Page - Renesas Technology Corp HZU6.2 Datasheet HTML 7Page - Renesas Technology Corp HZU6.2 Datasheet HTML 8Page - Renesas Technology Corp HZU6.2 Datasheet HTML 9Page - Renesas Technology Corp HZU6.2 Datasheet HTML 10Page - Renesas Technology Corp HZU6.2 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HZU Series
Rev.7, Dec. 2002, page 7 of 9
Main Characteristic
10
8
6
4
2
0
4
8
12
16
20
24
28
32
40
36
0
5
10 15 20 25
−0.06
30 35 40 45
−0.05
−0.04
−0.03
−0.02
−0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
−25
−20
−15
−10
−5
0
5
10
15
20
25
30
35
40
%/
°C
mV/
°C
250
200
150
100
50
200
150
100
50
0
0
0.8mm
0.8mm
1.5mm
Printed circuit board
15 20 1.6t mm
Material:
Glass Epoxy Resin+Cu Foil
×
Cu Foil
×
Ambient Temperature Ta (
°C)
Fig.3 Power Dissipation vs. Ambient Temperature
Fig.2 Temperature Coefficient vs. Zener voltage
Zener Voltage VZ (V)
0
Fig.1 Zener current vs. Zener voltage
Zener Voltage VZ (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com