Electronic Components Datasheet Search
  English  ▼

X  

PE356-100CM Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE356-100CM
Description  SMA Female to N Male Cable 100 cm Length Using PE-P141 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE356-100CM Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE356-100CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE356-100CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE356-100CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE356-100CM Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Configuration
Connector 1
SMA Female
Connector 2
N Male
Cable Type
PE-P141
Electrical Specifications
Frequency Range
DC to 18 GHz
Impedance
50 Ohms
Maximum VSWR
1.4:1
Velocity of Propagation
70 %
RF Shielding
110 dB
Dielectric Withstanding Voltage (AC)
500 Vrms
Typical Performance by Frequency
Frequency 1
Frequency
1000 MHz
VSWR
1.4:1
Return Loss
15.56 dB
Insertion Loss
0.13 dB/ft [0.43 dB/m]
Frequency 2
Frequency
2 GHz
VSWR
1.4:1
Return Loss
15.563 dB
Insertion Loss
0.185 dB/ft [0.61 dB/m]
Frequency 3
Frequency
4.5 GHz
VSWR
1.4:1
Return Loss
15.563 dB
Insertion Loss
0.27 dB/ft [0.89 dB/m]
Frequency 4
Frequency
9 GHz
VSWR
1.4:1
Return Loss
15.563 dB
Insertion Loss
0.425 dB/ft [1.39 dB/m]
Frequency 5
Frequency
18 GHz
VSWR
1.4:1
Return Loss
15.563 dB
Insertion Loss
0.64 dB/ft [2.1 dB/m]
Electrical Specification Notes:
Short lengths up to 12” long may exhibit VSWR
measurements up to 9% higher.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to N Male Cable 100 cm Length Using PE-P141 Coax, RoHS PE356-100CM
PE356-100CM REV 1.0
PE356-100CM
SMA Female to N Male Cable 100 cm Length
Using PE-P141 Coax, RoHS


Similar Part No. - PE356-100CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE356-12 PASTERNACK-PE356-12 Datasheet
463Kb / 4P
SMA Female to N Male Cable 12 Inch Length Using PE-P141 Coax
PE356-120 PASTERNACK-PE356-120 Datasheet
465Kb / 4P
SMA Female to N Male Cable 120 Inch Length Using PE-P141 Coax, RoHS
PE356-150CM PASTERNACK-PE356-150CM Datasheet
465Kb / 4P
SMA Female to N Male Cable 150 cm Length Using PE-P141 Coax, RoHS
More results

Similar Description - PE356-100CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE351-100CM PASTERNACK-PE351-100CM Datasheet
453Kb / 3P
SMA Male to SMA Male Right Angle Low Loss Cable 100 CM Length Using PE-P141 Coax, RoHS
PE356 PASTERNACK-PE356 Datasheet
463Kb / 4P
SMA Female to N Male Cable Using PE-P141 Coax, RoHS
PE356-36 PASTERNACK-PE356-36 Datasheet
465Kb / 4P
SMA Female to N Male Cable 36 Inch Length Using PE-P141 Coax, RoHS
PE356-48 PASTERNACK-PE356-48 Datasheet
465Kb / 4P
SMA Female to N Male Cable 48 Inch Length Using PE-P141 Coax, RoHS
PE356-50CM PASTERNACK-PE356-50CM Datasheet
465Kb / 4P
SMA Female to N Male Cable 50 cm Length Using PE-P141 Coax, RoHS
PE356-60 PASTERNACK-PE356-60 Datasheet
465Kb / 4P
SMA Female to N Male Cable 60 Inch Length Using PE-P141 Coax, RoHS
PE356-72 PASTERNACK-PE356-72 Datasheet
464Kb / 4P
SMA Female to N Male Cable 72 Inch Length Using PE-P141 Coax, RoHS
PE356-120 PASTERNACK-PE356-120 Datasheet
465Kb / 4P
SMA Female to N Male Cable 120 Inch Length Using PE-P141 Coax, RoHS
PE356-150CM PASTERNACK-PE356-150CM Datasheet
465Kb / 4P
SMA Female to N Male Cable 150 cm Length Using PE-P141 Coax, RoHS
PE356-200CM PASTERNACK-PE356-200CM Datasheet
465Kb / 4P
SMA Female to N Male Cable 200 cm Length Using PE-P141 Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com