Electronic Components Datasheet Search
  English  ▼

X  

PE361 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE361
Description  2.92mm Male to 2.92mm Female Test Cable Using PE-P160 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE361 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE361 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE361 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE361 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE361 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: 2.92mm Male
• Connector 2: 2.92mm Female
• Cable Type: PE-P160
.160
4.06
JACKET
OUTER SHIELD
MIDDLE SHIELD
INNER SHIELD
DIELECTRIC
CENTER CONDUCTOR
SECTION VIEW
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
40
GHz
VSWR
1.4:1
Velocity of Propagation
78
%
RF Shielding
90
dB
Capacitance
26 [85.3]
pF/ft [pF/m]
Inductance
66 [216.54]
uH/ft [uH/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
2.5
5
10
20
40
GHz
Insertion Loss (Max.)
0.23
0.33
0.49
0.71
1.07
dB/ft
0.75
1.08
1.61
2.33
3.51
dB/m
Insertion Loss (Typ.)
0.2
0.29
0.43
0.64
0.97
dB/ft
0.66
0.95
1.41
2.1
3.18
dB/m
.
Electrical Specification Notes:
Insertion Loss does not include the loss of the connectors. Insertion Loss is estimated as .03 x square root (FGHz) dB
per connector.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male to 2.92mm Female Test Cable Using PE-P160 Coax, RoHS PE361
PE361 REV 1.2
2.92mm Male to 2.92mm Female Test Cable
Using PE-P160 Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE361


Similar Part No. - PE361

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE361-100CM PASTERNACK-PE361-100CM Datasheet
497Kb / 4P
2.92mm Male to 2.92mm Female Test Cable 100 CM Length Using PE-P160 Coax, RoHS
PE361-150CM PASTERNACK-PE361-150CM Datasheet
486Kb / 4P
2.92mm Male to 2.92mm Female Test Cable 150 CM Length Using PE-P160 Coax, RoHS
PE361-36 PASTERNACK-PE361-36 Datasheet
486Kb / 4P
2.92mm Male to 2.92mm Female Test Cable 36 Inch Length Using PE-P160 Coax, RoHS
PE361-48 PASTERNACK-PE361-48 Datasheet
486Kb / 4P
2.92mm Male to 2.92mm Female Test Cable 48 Inch Length Using PE-P160 Coax, RoHS
PE36108 PASTERNACK-PE36108 Datasheet
270Kb / 1P
CABLE ASSEMBLY, RG316/U, MC-CARD PLUG TO SMA MALE
More results

Similar Description - PE361

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE360 PASTERNACK-PE360 Datasheet
342Kb / 4P
2.92mm Male to 2.92mm Male Test Cable Using PE-P160 Coax, RoHS
PE360-50CM PASTERNACK-PE360-50CM Datasheet
429Kb / 5P
2.92mm Male to 2.92mm Male Test Cable 50 cm Length Using PE-P160 Coax with HeatShrink
PE360-200CM PASTERNACK-PE360-200CM Datasheet
442Kb / 5P
2.92mm Male to 2.92mm Male Test Cable 200 cm Length Using PE-P160 Coax with HeatShrink
PE361-36 PASTERNACK-PE361-36 Datasheet
486Kb / 4P
2.92mm Male to 2.92mm Female Test Cable 36 Inch Length Using PE-P160 Coax, RoHS
PE361-48 PASTERNACK-PE361-48 Datasheet
486Kb / 4P
2.92mm Male to 2.92mm Female Test Cable 48 Inch Length Using PE-P160 Coax, RoHS
PE361-100CM PASTERNACK-PE361-100CM Datasheet
497Kb / 4P
2.92mm Male to 2.92mm Female Test Cable 100 CM Length Using PE-P160 Coax, RoHS
PE361-150CM PASTERNACK-PE361-150CM Datasheet
486Kb / 4P
2.92mm Male to 2.92mm Female Test Cable 150 CM Length Using PE-P160 Coax, RoHS
PE371 PASTERNACK-PE371 Datasheet
473Kb / 4P
2.92mm Male to 2.92mm Male Cable Using PE-P102 Coax, RoHS
PE3C0666 PASTERNACK-PE3C0666 Datasheet
449Kb / 4P
2.92mm Male to 2.92mm Male Cable Using PE-P086 Coax, RoHS
PE3C1377LF PASTERNACK-PE3C1377LF Datasheet
843Kb / 5P
2.92mm Male to 2.92mm Male Cable Using PE-SR405FL Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com