Electronic Components Datasheet Search
  English  ▼

X  

PE3TC1202 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3TC1202
Description  RF Cable Assemblies Technical Data Sheet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC1202 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3TC1202 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC1202 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC1202 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC1202 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Plotted and Other Data
Notes:
•
Values at 25°C, sea level.
How to Order
Part Number Configuration:
PE3TC1202
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3TC1202-12 = 12 inches long cable
PE3TC1202-100cm = 100 cm long cable
75 Ohm F Male to 75 Ohm F Male Low Frequency Cable Using 75 Ohm PE-SF200LL75 Coax, RoHS from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm F Male to 75 Ohm F Male Low Frequency Cable Using 75 Ohm PE-SF200LL75 Coax,
RoHS PE3TC1202
URL: http://www.pasternack.com/f-male-f-male-pe-sf200ll75-cable-assembly-pe3tc1202-p.aspx
PE3TC1202 REV 1.0
RF Cable Assemblies Technical Data Sheet
75 Ohm F Male to 75 Ohm F Male Low Frequency
Cable Using 75 Ohm PE-SF200LL75 Coax, RoHS
PE3TC1202



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com