Electronic Components Datasheet Search
  English  ▼

X  

PE4131 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4131
Description  N Male Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4131 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4131 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4131 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4131 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Male Connector
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• 4 Hole Flange
Features
• Gold Plated Brass Contact
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4131 type N male connector solder attachment 4 hole flange mount solder cup terminal, .718 inch hole
spacing is part of our full line of RF components available for same-day shipping. This type N 4 hole flange connector allows
designers to create external connections on their product enclosures, and can be used in a variety of other rack mount and
panel mount applications.
Our type N male 4 hole flange connector PE4131 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.958 in [24.33 mm]
Width/Dia.
1 in [25.40 mm]
Height
1 in [25.4 mm]
.
Weight
0.082 lbs [37.19 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
Insulation
PTFE
Body
Brass
Nickel
Coupling Nut
Brass
Nickel
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .718 inch
Hole Spacing PE4131
PE4131 REV 1.1
N Male Connector Solder Attachment 4 Hole Flange
Mount Solder Cup Terminal, .718 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4131


Similar Part No. - PE4131

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4131 PASTERNACK-PE4131 Datasheet
239Kb / 2P
N Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
More results

Similar Description - PE4131

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45085 PASTERNACK-PE45085 Datasheet
358Kb / 2P
N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE45139 PASTERNACK-PE45139 Datasheet
332Kb / 3P
SMA Male Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal
PE4000 PASTERNACK-PE4000_16 Datasheet
350Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4010 PASTERNACK-PE4010_16 Datasheet
360Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4012 PASTERNACK-PE4012_16 Datasheet
360Kb / 3P
UHF Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4013 PASTERNACK-PE4013_16 Datasheet
355Kb / 3P
N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4064 PASTERNACK-PE4064_16 Datasheet
362Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4064SP PASTERNACK-PE4064SP_16 Datasheet
366Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4241 PASTERNACK-PE4241_16 Datasheet
352Kb / 3P
C Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal,
PE45391 PASTERNACK-PE45391 Datasheet
342Kb / 4P
SSMC Jack Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com