Electronic Components Datasheet Search
  English  ▼

X  

PE4134 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4134
Description  N Female Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4134 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4134 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4134 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4134 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG55, RG141, RG142, RG223, RG400 Interface
Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 6 GHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4134 type N female connector with crimp/solder attachment for RG55, RG141, RG142, RG223 and RG400
is part of our full line of RF components available for same-day shipping. Our type N female connector operates up to a
maximum frequency of 6 GHz and offers good VSWR of 1.3:1.
Our type N female connector PE4134 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.3:1
Operating Voltage (AC)
750
Vrms
.
Mechanical Specifications
Size
Length
1.272 in [32.31 mm]
Width/Dia.
0.61 in [15.49 mm]
.
Weight
0.056 lbs [25.4 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: N Female Connector Crimp/Solder Attachment for RG55, RG141, RG142, RG223,
RG400 PE4134
PE4134 REV 1.2
N Female Connector Crimp/Solder Attachment
for RG55, RG141, RG142, RG223, RG400
RF Connectors Technical Data Sheet
PE4134


Similar Part No. - PE4134

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4134 PEREGRINE-PE4134 Datasheet
295Kb / 9P
High Linearity Quad MOSFET Mixer for PCS & 3G BTS
logo
Pasternack Enterprises,...
PE4134 PASTERNACK-PE4134 Datasheet
267Kb / 3P
N Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
More results

Similar Description - PE4134

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44475 PASTERNACK-PE44475 Datasheet
206Kb / 2P
RP N Female Connector Crimp-Solder Attachment
PE4070 PASTERNACK-PE4070_16 Datasheet
361Kb / 4P
BNC Female Connector Crimp/Solder Attachment
PE4079 PASTERNACK-PE4079_16 Datasheet
417Kb / 3P
BNC Female Connector Crimp/Solder Attachment
PE4191 PASTERNACK-PE4191 Datasheet
349Kb / 3P
N Female Connector Crimp/Solder Attachment
PE4308 PASTERNACK-PE4308_16 Datasheet
357Kb / 3P
BNC Female Connector Crimp/Solder Attachment
PE4371 PASTERNACK-PE4371_16 Datasheet
357Kb / 3P
N Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4412 PASTERNACK-PE4412_16 Datasheet
315Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE4413 PASTERNACK-PE4413_13 Datasheet
209Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE4438 PASTERNACK-PE4438_16 Datasheet
388Kb / 3P
N Female Connector Crimp/Solder Attachment
PE4442 PASTERNACK-PE4442_16 Datasheet
321Kb / 3P
N Female Bulkhead Mount Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com