Electronic Components Datasheet Search
  English  ▼

X  

PE4136 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4136
Description  N Male Right Angle Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4136 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4136 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4136 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4136 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Male Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• RG213, RG8, RG215, RG225, RG214, RG393
Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 11 GHz
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4136 type N male right angle connector with clamp/solder attachment for RG213, RG8, RG215, RG225,
RG214 and RG393 is part of our full line of RF components available for same-day shipping. Our type N male connector
operates up to a maximum frequency of 11 GHz. Its right angle body geometry allows for easier connections in tight spaces.
Our type N male right angle connector PE4136 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
11
GHz
Operating Voltage (AC)
1,000
Vrms
Dielectric Withstanding Voltage (AC)
2,500
Vrms
.
Mechanical Specifications
Size
Length
1.96 in [49.78 mm]
Width/Dia.
0.827 in [21.01 mm]
Height
1.295 in [32.89 mm]
.
Weight
0.18 lbs [81.65 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Right Angle Connector Clamp/Solder Attachment for RG213, RG8, RG215, RG225,
RG214, RG393 PE4136
PE4136 REV 1.2
N Male Right Angle Connector Clamp/Solder Attachment
for RG213, RG8, RG215, RG225, RG214, RG393
RF Connectors Technical Data Sheet
PE4136


Similar Part No. - PE4136

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4136 PASTERNACK-PE4136 Datasheet
316Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
logo
Pan Jit International I...
PE4136C2A PANJIT-PE4136C2A Datasheet
161Kb / 5P
HI-SURGE ESD PROTECTION
September 22,2017-REV.00
PE4136C2A-AU PANJIT-PE4136C2A-AU Datasheet
161Kb / 5P
HI-SURGE ESD PROTECTION
September 15,2017-REV.00
PE4136C2A-AU_R1_000A1 PANJIT-PE4136C2A-AU_R1_000A1 Datasheet
161Kb / 5P
HI-SURGE ESD PROTECTION
September 15,2017-REV.00
PE4136C2A_R1_00001 PANJIT-PE4136C2A_R1_00001 Datasheet
161Kb / 5P
HI-SURGE ESD PROTECTION
September 22,2017-REV.00
More results

Similar Description - PE4136

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4028 PASTERNACK-PE4028_16 Datasheet
371Kb / 4P
SMA Male Right Angle Connector Clamp Solder Attachment
PE4053 PASTERNACK-PE4053_16 Datasheet
369Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment
PE4135 PASTERNACK-PE4135_16 Datasheet
362Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment
PE4146 PASTERNACK-PE4146_16 Datasheet
397Kb / 3P
TNC Male Right Angle Connector Clamp/Solder Attachment
PE4226 PASTERNACK-PE4226_16 Datasheet
408Kb / 3P
MHV Male Right Angle Connector Clamp/Solder Attachment
PE4230 PASTERNACK-PE4230 Datasheet
410Kb / 4P
HN Male Right Angle Connector Clamp/Solder Attachment
PE4244 PASTERNACK-PE4244 Datasheet
403Kb / 3P
C Male Right Angle Connector Clamp/Solder Attachment
PE4307 PASTERNACK-PE4307_16 Datasheet
415Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment
PE4456 PASTERNACK-PE4456_17 Datasheet
416Kb / 3P
TNC Male Right Angle Connector Clamp/Solder Attachment
PE4502 PASTERNACK-PE4502_16 Datasheet
330Kb / 3P
75 Ohm N Male Right Angle Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com