Electronic Components Datasheet Search
  English  ▼

X  

PE4147 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4147
Description  TNC Female Bulkhead Mount Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4147 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4147 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4147 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4147 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• TNC Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
Interface Type
• Solder/Solder Attachment
• Bulkhead
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
.
Description
Pasternack’s PE4147 TNC female bulkhead connector with solder/solder attachment for PE-SR405AL, PE-SR405FL, PE-
SR405FLJ and RG405 (.480 inch D hole) is part of our full line of RF components available for same-day shipping. This TNC
bulkhead connector allows designers to create external connections on their product enclosures, and can be used in a variety
of other rack mount and panel mount applications.
Our TNC female bulkhead connector PE4147 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.18 in [29.97 mm]
Width/Dia.
0.75 in [19.05 mm]
.
Weight
0.055 lbs [24.95 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
MIL-G-45204
Insulation
PTFE
Body
Passivated Stainless Steel
QQ-P-35
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Bulkhead Mount Connector Solder Attachment for PE-SR405AL, PE-SR405FL,
PE-SR405FLJ, RG405, .480 inch D Hole PE4147
PE4147 REV 1.1
TNC Female Bulkhead Mount Connector Solder
Attachment for PE-SR405AL, PE-SR405FL, PE-
SR405FLJ, RG405, .480 inch D Hole
RF Connectors Technical Data Sheet
PE4147


Similar Part No. - PE4147

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4147 PASTERNACK-PE4147 Datasheet
503Kb / 2P
TNC Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, PE-SR405FLJ, .480 inch D Hole
More results

Similar Description - PE4147

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45130 PASTERNACK-PE45130 Datasheet
338Kb / 3P
TNC Female Bulkhead Mount Connector Solder TNC Female Bulkhead Mount Connector Solder
PE4063 PASTERNACK-PE4063_16 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4065 PASTERNACK-PE4065_16 Datasheet
355Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4148 PASTERNACK-PE4148_16 Datasheet
321Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment
PE4152 PASTERNACK-PE4152_16 Datasheet
395Kb / 3P
TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4306 PASTERNACK-PE4306_16 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment
PE4464 PASTERNACK-PE4464_16 Datasheet
324Kb / 3P
TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4466 PASTERNACK-PE4466_17 Datasheet
420Kb / 3P
TNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4468 PASTERNACK-PE4468_16 Datasheet
349Kb / 3P
TNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment
PE4469 PASTERNACK-PE4469_16 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com