Electronic Components Datasheet Search
  English  ▼

X  

PE4152 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4152
Description  TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4152 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4152 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4152 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4152 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• TNC Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG58, RG55, RG141, RG142, RG223, RG400
Interface Type
• Clamp/Solder Attachment
• Bulkhead
• 11/16 Inch Hex
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.5:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.15 in [29.21 mm]
Width/Dia.
0.688 in [17.48 mm]
.
Weight
0.0049 lbs [2.22 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
30µ in. minimum
Insulation
Teflon
Outer Conductor
Brass
Nickel
100µ in. minimum
Body
Brass
Nickel
100µ in. minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Bulkhead Mount Connector Clamp/Solder Attachment For RG58, RG55, RG141,
RG142, RG223, RG400, .480 inch D Hole PE4152
PE4152 REV 1.2
TNC Female Bulkhead Mount Connector Clamp/
Solder Attachment For RG58, RG55, RG141,
RG142, RG223, RG400, .480 inch D Hole
RF Connectors Technical Data Sheet
PE4152


Similar Part No. - PE4152

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4152 PASTERNACK-PE4152 Datasheet
317Kb / 2P
TNC Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
logo
Peregrine Semiconductor
PE4152 PSEMI-PE4152 Datasheet
405Kb / 20P
Quad MOSFET array with integrated LO enable and bypass mode
PE4152A-Z PSEMI-PE4152A-Z Datasheet
405Kb / 20P
Quad MOSFET array with integrated LO enable and bypass mode
More results

Similar Description - PE4152

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45130 PASTERNACK-PE45130 Datasheet
338Kb / 3P
TNC Female Bulkhead Mount Connector Solder TNC Female Bulkhead Mount Connector Solder
PE4032 PASTERNACK-PE4032_16 Datasheet
385Kb / 3P
SMA Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4068 PASTERNACK-PE4068_16 Datasheet
410Kb / 3P
TNC Female Connector Clamp/Solder Attachment
PE4144 PASTERNACK-PE4144 Datasheet
105Kb / 1P
TNC FEMALE SOLDER/CLAMP ATTACHMENT
PE4147 PASTERNACK-PE4147_16 Datasheet
317Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment
PE4148 PASTERNACK-PE4148_16 Datasheet
321Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment
PE4155 PASTERNACK-PE4155_16 Datasheet
402Kb / 3P
TNC Female Connector Clamp/Solder Attachment
PE4460 PASTERNACK-PE4460_16 Datasheet
319Kb / 3P
TNC Female Connector Clamp/Solder Attachment
PE4464 PASTERNACK-PE4464_16 Datasheet
324Kb / 3P
TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4466 PASTERNACK-PE4466_17 Datasheet
420Kb / 3P
TNC Female Bulkhead Mount Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com