Electronic Components Datasheet Search
  English  ▼

X  

HM628128ALR-7SL Datasheet(PDF) 13 Page - Hitachi Semiconductor

Part # HM628128ALR-7SL
Description  131,072-word X 8-bit High Speed CMOS Static RAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628128ALR-7SL Datasheet(HTML) 13 Page - Hitachi Semiconductor

Back Button HM628128ALR-7SL Datasheet HTML 5Page - Hitachi Semiconductor HM628128ALR-7SL Datasheet HTML 6Page - Hitachi Semiconductor HM628128ALR-7SL Datasheet HTML 7Page - Hitachi Semiconductor HM628128ALR-7SL Datasheet HTML 8Page - Hitachi Semiconductor HM628128ALR-7SL Datasheet HTML 9Page - Hitachi Semiconductor HM628128ALR-7SL Datasheet HTML 10Page - Hitachi Semiconductor HM628128ALR-7SL Datasheet HTML 11Page - Hitachi Semiconductor HM628128ALR-7SL Datasheet HTML 12Page - Hitachi Semiconductor HM628128ALR-7SL Datasheet HTML 13Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Notes: 1. 20 µA max at Ta = 0 to 40˚C (L-version).
2. 6 µA max at Ta = 0 to 40˚C (L-L-version).
3. 3 µA max at Ta = 0 to 40˚C (L-SL-version).
4. CS2 controls address buffer,
WE buffer, CS1 buffer, OE buffer, and Din buffer. If CS2 controls
data retention mode, Vin levels (address,
WE, OE, CS1, I/O) can be in the high impedance state.
If
CS1 controls data retention mode, CS2 must be CS2
≥ VCC – 0.2 V or 0 V ≤ CS2 ≤ 0.2 V. The
other input levels (address,
WE, OE, I/O) can be in the high impedance state.
13
HM628128A Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com