Electronic Components Datasheet Search
  English  ▼

X  

IN74HC623 Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74HC623
Description  Octal 3-State Noninverting Bus Transceiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC623 Datasheet(HTML) 1 Page - Integral Corp.

  IN74HC623 Datasheet HTML 1Page - Integral Corp. IN74HC623 Datasheet HTML 2Page - Integral Corp. IN74HC623 Datasheet HTML 3Page - Integral Corp. IN74HC623 Datasheet HTML 4Page - Integral Corp. IN74HC623 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
446
Octal 3-State Noninverting
Bus Transceiver
High-Performance Silicon-Gate CMOS
The IN74HC623 is identical in pinout to the LS/ALS623. The
device inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
The IN74HC623 is a 3-state noninverting transceiver that is used
for 2-way communication between data buses. Two separate enables
are available. The enable for bus A to B is active-high, the enable for
bus B to A is active-low.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
IN74HC623
ORDERING INFORMATION
IN74HC623N Plastic
IN74HC623DW SOIC
TA = -55° to 125° C for all packages
FUNCTION TABLE
Control Inputs
Output
Enable
Direction
Operation
L
L
Data Transmitted
from Bus B to
Bus A
L
H
Data Transmitted
from Bus A to
Bus B
H
L
Buses Isolated
L
H
(High Impedance
State)
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
PIN ASSIGNMENT


Similar Part No. - IN74HC623

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC623A IKSEMICON-IN74HC623A Datasheet
171Kb / 6P
Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS
IN74HC623ADW IKSEMICON-IN74HC623ADW Datasheet
171Kb / 6P
Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS
IN74HC623AN IKSEMICON-IN74HC623AN Datasheet
171Kb / 6P
Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HC623

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC245A ONSEMI-MC74HC245A Datasheet
129Kb / 10P
Octal 3-State Noninverting Bus Transceiver
July, 2005 ??Rev. 11
logo
System Logic Semiconduc...
SL74LS245 SLS-SL74LS245 Datasheet
44Kb / 4P
Octal 3-State Noninverting Bus Transceiver
logo
Integral Corp.
IN74HC245 INTEGRAL-IN74HC245 Datasheet
110Kb / 5P
Octal 3-State Noninverting Bus Transceiver
IN74ACT623 INTEGRAL-IN74ACT623 Datasheet
189Kb / 5P
OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
IN74LS245 INTEGRAL-IN74LS245 Datasheet
332Kb / 5P
Octal 3-State Noninverting Bus Transceiver
IN74LV623 INTEGRAL-IN74LV623 Datasheet
133Kb / 5P
OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
KODENSHI_AUK CORP.
KK74LS245 KODENSHI-KK74LS245 Datasheet
349Kb / 5P
Octal 3-State Noninverting Bus Transceiver
KK74LV623 KODENSHI-KK74LV623 Datasheet
270Kb / 6P
OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LS245 IKSEMICON-IN74LS245 Datasheet
259Kb / 5P
Octal 3-State Noninverting Bus Transceiver
logo
ON Semiconductor
MC74HCT245A ONSEMI-MC74HCT245A_16 Datasheet
153Kb / 9P
Octal 3-State Noninverting Bus Transceiver
May, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com