Electronic Components Datasheet Search
  English  ▼

X  

PE363 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE363
Description  2.4mm Male to 2.4mm Male Test Cable Using PE-P160 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE363 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE363 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE363 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE363 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE363 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: 2.4mm Male
• Connector 2: 2.4mm Male
• Cable Type: PE-P160
.160
4.06
JACKET
OUTER SHIELD
MIDDLE SHIELD
INNER SHIELD
DIELECTRIC
CENTER CONDUCTOR
SECTION VIEW
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
40
GHz
VSWR
1.4:1
Velocity of Propagation
78
%
RF Shielding
90
dB
Capacitance
26 [85.3]
pF/ft [pF/m]
Inductance
66 [216.54]
uH/ft [uH/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
2.5
5
10
20
40
GHz
Insertion Loss (Max.)
0.23
0.33
0.49
0.71
1.07
dB/ft
0.75
1.08
1.61
2.33
3.51
dB/m
Insertion Loss (Typ.)
0.2
0.29
0.43
0.64
0.97
dB/ft
0.66
0.95
1.41
2.1
3.18
dB/m
.
Electrical Specification Notes:
Insertion Loss does not include the loss of the connectors. Insertion Loss is estimated as .03 x square root (FGHz) dB
per connector.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Male to 2.4mm Male Test Cable Using PE-P160 Coax PE363
PE363 REV 1.1
2.4mm Male to 2.4mm Male Test Cable Using PE-P160 Coax
RF Cable Assemblies Technical Data Sheet
PE363


Similar Part No. - PE363

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE363-100CM PASTERNACK-PE363-100CM Datasheet
384Kb / 4P
2.4mm Male to 2.4mm Male Test Cable 100 CM Length Using PE-P160 Coax
PE363-150CM PASTERNACK-PE363-150CM Datasheet
384Kb / 4P
2.4mm Male to 2.4mm Male Test Cable 150 CM Length Using PE-P160 Coax
PE363-36 PASTERNACK-PE363-36 Datasheet
384Kb / 4P
2.4mm Male to 2.4mm Male Test Cable 36 Inch Length Using PE-P160 Coax
PE363-48 PASTERNACK-PE363-48 Datasheet
384Kb / 4P
2.4mm Male to 2.4mm Male Test Cable 48 Inch Length Using PE-P160 Coax
PE3634 PASTERNACK-PE3634 Datasheet
287Kb / 1P
CABLE ASSEMBLY RG401/U SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
More results

Similar Description - PE363

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE363-36 PASTERNACK-PE363-36 Datasheet
384Kb / 4P
2.4mm Male to 2.4mm Male Test Cable 36 Inch Length Using PE-P160 Coax
PE363-48 PASTERNACK-PE363-48 Datasheet
384Kb / 4P
2.4mm Male to 2.4mm Male Test Cable 48 Inch Length Using PE-P160 Coax
PE363-100CM PASTERNACK-PE363-100CM Datasheet
384Kb / 4P
2.4mm Male to 2.4mm Male Test Cable 100 CM Length Using PE-P160 Coax
PE363-150CM PASTERNACK-PE363-150CM Datasheet
384Kb / 4P
2.4mm Male to 2.4mm Male Test Cable 150 CM Length Using PE-P160 Coax
PE364-36 PASTERNACK-PE364-36 Datasheet
366Kb / 4P
2.4mm Male to 2.4mm Female Test Cable 36 Inch Length Using PE-P160 Coax
PE364-48 PASTERNACK-PE364-48 Datasheet
378Kb / 4P
2.4mm Male to 2.4mm Female Test Cable 48 Inch Length Using PE-P160 Coax
PE364-100CM PASTERNACK-PE364-100CM Datasheet
367Kb / 4P
2.4mm Male to 2.4mm Female Test Cable 100 CM Length Using PE-P160 Coax
PE364-150CM PASTERNACK-PE364-150CM Datasheet
367Kb / 4P
2.4mm Male to 2.4mm Female Test Cable 150 CM Length Using PE-P160 Coax
PE373 PASTERNACK-PE373 Datasheet
464Kb / 4P
2.4mm Male to 2.4mm Male Test Cable Using PE-P102 Coax, RoHS
PE3C0728 PASTERNACK-PE3C0728 Datasheet
365Kb / 4P
2.4mm Male to 2.4mm Male Cable Using PE-P086HF Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com