Electronic Components Datasheet Search
  English  ▼

X  

PE366-36 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE366-36
Description  SMA Male to SMA Male Test Cable 36 Inch Length Using PE-P160 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE366-36 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE366-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE366-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE366-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE366-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
How to Order
Part Number Configuration:
PE366
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE366-12 = 12 inches long cable
PE366-100cm = 100 cm long cable
SMA Male to SMA Male Test Cable 36 Inch Length Using PE-P160 Coax, RoHS from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Test Cable 36 Inch Length Using PE-P160 Coax, RoHS PE366-36
URL: https://www.pasternack.com/sma-male-sma-male-pe-p160-cable-assembly-pe366-36-p.aspx
PE366-36 REV 1.1
RF Cable Assemblies Technical Data Sheet
SMA Male to SMA Male Test Cable 36 Inch
Length Using PE-P160 Coax, RoHS
PE366-36



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com