Electronic Components Datasheet Search
  English  ▼

X  

PE367-48 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE367-48
Description  SMA Male to SMA Male Right Angle Test Cable 48 Inch Length Using PE-P160 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE367-48 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE367-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE367-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE367-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE367-48 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Male Right Angle
• Cable Type: PE-P160
.160
4.06
JACKET
OUTER SHIELD
MIDDLE SHIELD
INNER SHIELD
DIELECTRIC
CENTER CONDUCTOR
SECTION VIEW
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.35:1
Velocity of Propagation
78
%
RF Shielding
90
dB
Capacitance
26 [85.3]
pF/ft [pF/m]
Inductance
66 [216.54]
uH/ft [uH/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
2
4.5
9
18
GHz
Insertion Loss (Max.)
0.57
0.86
1.29
1.93
2.83
dB
Insertion Loss (Typ.)
0.52
0.74
1.21
1.73
2.59
dB
.
Mechanical Specifications
Cable Assembly
Length*
48 in [121.92 cm]
Diameter
0.63 in [16 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Right Angle Test Cable 48 Inch Length Using PE-P160 Coax, RoHS
PE367-48
PE367-48 REV 1.1
SMA Male to SMA Male Right Angle Test Cable
48 Inch Length Using PE-P160 Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE367-48


Similar Part No. - PE367-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE367-100CM PASTERNACK-PE367-100CM Datasheet
382Kb / 4P
SMA Male to SMA Male Right Angle Test Cable 100 CM Length Using PE-P160 Coax, RoHS
PE367-150CM PASTERNACK-PE367-150CM Datasheet
382Kb / 4P
SMA Male to SMA Male Right Angle Test Cable 150 CM Length Using PE-P160 Coax, RoHS
PE367-36 PASTERNACK-PE367-36 Datasheet
382Kb / 4P
SMA Male to SMA Male Right Angle Test Cable 36 Inch Length Using PE-P160 Coax, RoHS
More results

Similar Description - PE367-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE366 PASTERNACK-PE366 Datasheet
381Kb / 4P
SMA Male to SMA Male Test Cable Using PE-P160 Coax, RoHS
PE366-36 PASTERNACK-PE366-36 Datasheet
380Kb / 4P
SMA Male to SMA Male Test Cable 36 Inch Length Using PE-P160 Coax, RoHS
PE366-48 PASTERNACK-PE366-48 Datasheet
380Kb / 4P
SMA Male to SMA Male Test Cable 48 Inch Length Using PE-P160 Coax, RoHS
PE366-100CM PASTERNACK-PE366-100CM Datasheet
380Kb / 4P
SMA Male to SMA Male Test Cable 100 CM Length Using PE-P160 Coax, RoHS
PE366-150CM PASTERNACK-PE366-150CM Datasheet
380Kb / 4P
SMA Male to SMA Male Test Cable 150 CM Length Using PE-P160 Coax, RoHS
PE367-36 PASTERNACK-PE367-36 Datasheet
382Kb / 4P
SMA Male to SMA Male Right Angle Test Cable 36 Inch Length Using PE-P160 Coax, RoHS
PE367-100CM PASTERNACK-PE367-100CM Datasheet
382Kb / 4P
SMA Male to SMA Male Right Angle Test Cable 100 CM Length Using PE-P160 Coax, RoHS
PE367-150CM PASTERNACK-PE367-150CM Datasheet
382Kb / 4P
SMA Male to SMA Male Right Angle Test Cable 150 CM Length Using PE-P160 Coax, RoHS
PE370-48 PASTERNACK-PE370-48 Datasheet
474Kb / 4P
SMA Male to SMA Male Test Cable 48 Inch Length Using PE-P102 Coax, RoHS
PE3C3248-48 PASTERNACK-PE3C3248-48 Datasheet
418Kb / 5P
SMA Male to SMA Male Right Angle Low Loss Test Cable 48 Inch Length Using PE-P300LL Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com